Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06PUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S06PUR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S06PUR Datasheet HTML 9Page - STMicroelectronics ST1S06PUR Datasheet HTML 10Page - STMicroelectronics ST1S06PUR Datasheet HTML 11Page - STMicroelectronics ST1S06PUR Datasheet HTML 12Page - STMicroelectronics ST1S06PUR Datasheet HTML 13Page - STMicroelectronics ST1S06PUR Datasheet HTML 14Page - STMicroelectronics ST1S06PUR Datasheet HTML 15Page - STMicroelectronics ST1S06PUR Datasheet HTML 16Page - STMicroelectronics ST1S06PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ST1S06
Typical application
13/19
6
Typical application
Application notes
The ST1S06 is an adjustable current mode PWM step-down DC/DC converter with internal 1.5A power
switch, packaged in a 6-lead DFN 3x3.
It’s a complete 1.5A switching regulator with its internal compensation eliminating additional component.
The constant frequency, current mode, PWM architecture and stable operation with ceramic capacitors
results in low, predictable output ripple. However, in order to maximize the power conversion efficiency
with light load, the regulator reduces automatically the switching frequency when the output load
becomes less than 250mA typically.
To clamp the error amplifier reference voltage a Soft Start control block generating a voltage ramp, has
been implemented. Besides an On-Chip Power on Reset of 50=100µs ensure the proper operation when
switching on the power supply. Other circuits fitted to the device protection are the Thermal Shut down
block which turn off the regulator when the junction temperature exceeds 150°C typically and the Cycle-
by-cycle Current Limiting that provides protection against shorted outputs.
Being the ST1S06 an adjustable regulator, the output voltage is determined by an external resistor
divider. The desired value is given by the following equation:
VO = VFB[1+R1/R2]
To make the device working, only few component are required: an inductor and two capacitors and the
resistor divider. The chosen inductor must be able to not saturate at the peak current level. Besides, its
value can be selected keeping in account that a large inductor value increases the efficiency at low output
current and reduces output voltage ripple, while a smaller inductor can be chosen when it is important to
reduce the package size and the total cost of the application. Finally, the ST1S06 has been designed to
work properly with X5R or X7R SMD ceramic capacitors both at the input and at the output. this kind of
capacitors, thanks to their very low series resistance (ESR), minimize the output voltage ripple. Other low
ESR capacitors can be used according to the need of the application without invalidate the right
functioning of the device.
Figure 24. Application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com