Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3313 Datasheet(PDF) 4 Page - EONMIC TECHNOLOGY LTD

Part # CD3313
Description  Digitally controlled four-channel audio processor with tone and volume processing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EONMIC [EONMIC TECHNOLOGY LTD]
Direct Link  
Logo EONMIC - EONMIC TECHNOLOGY LTD

CD3313 Datasheet(HTML) 4 Page - EONMIC TECHNOLOGY LTD

  CD3313 Datasheet HTML 1Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 2Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 3Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 4Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 5Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 6Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 7Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 8Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 9Page - EONMIC TECHNOLOGY LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EONMIC™
CD3313
CD3313-Ver2.0 2009-8-10 EONMIC TECHNOLOGY LTD. TEL:0755-86211920
4/11
(接上表)
参 数
符号
测试条件
最小
典型
最大
单位
输出负载电容
CL
10
nF
输出阻抗
ROUT
30
75
120
Ω
输出直流电平
VOUT
4.2
4.5
4.8
V
综合指标
带宽
20~20kHz,
平坦,输出静音
2.5
Uv
带宽
20~20kHz,
平坦,所有增益
=0dB
5
15
uV
输出噪声
eNO
A 曲线,所有增益=0dB
3
uV
信噪比
S/N
所有增益
=0dB,V0=1Vrms
106
dB
Av=0,VIN=10mV
0.01
0.1
%
Av=-20dB, VIN= 1Vrms
0.09
0.3
%
失真度
THD
Av=-20dB,VIN=0.3Vrms
0.04
%
左
/右声道分离度
Sc
80
103
dB
Av=0 至-20dB
0
1
dB
总声道不平衡度
Av=-20 至-60dB
0
2
dB
总线输入部分
输入低电平电压
VIL
1
V
输入高电平电压
VIH
3
V
输入电流
IIN
-5
+5
uA
SDA 应答输出电压
VO
Io=1.6mA
0.4
V
音量控制部分
输入阻抗
RIV
20
33
50
kΩ
控制范围
Crange
70
75
80
dB
最小衰减量
Av(MIN)
-1
0
1
dB
最大衰减量
Av(MAX)
70
75
80
dB
步阶分辨率
ASTEP
0.5
1.25
1.75
dB
Av=0 至-20dB
-1.25
0
1.25
dB
衰减误差
EA
Av=-20 至-60dB
-3
2
dB
平衡误差
ET
2
dB
两相邻增益级
0
3
mV
直流电平漂移
VDC
从
0dB 至最大衰减
0.5
7.5
mV
输出衰减器部分
控制范围
Crange
3.5
37.5
40
dB
步阶分辨率
SSTEP
0.5
1.25
1.75
dB
衰减误差
EA
1.5
dB
输出静音衰减
AMUTE
80
100
dB
两相邻增益级
0
3
mV
直流电平漂移
VDC
从
0dB 至静音
1
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com