Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3313 Datasheet(PDF) 7 Page - EONMIC TECHNOLOGY LTD

Part # CD3313
Description  Digitally controlled four-channel audio processor with tone and volume processing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EONMIC [EONMIC TECHNOLOGY LTD]
Direct Link  
Logo EONMIC - EONMIC TECHNOLOGY LTD

CD3313 Datasheet(HTML) 7 Page - EONMIC TECHNOLOGY LTD

Back Button CD3313 Datasheet HTML 3Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 4Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 5Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 6Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 7Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 8Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 9Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 10Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 11Page - EONMIC TECHNOLOGY LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EONMIC™
CD3313
CD3313-Ver2.0 2009-8-10 EONMIC TECHNOLOGY LTD. TEL:0755-86211920
7/11
2.CD3313EO/EP 的地址码分配如下:
1(最高位)
0
0
0
1
0
0
0(最低位)
3.控制数据字节格式
最高位
最低位
功能
0
0
B2
B1
B0
A2
A1
A0
音量控制
1
1
0
B1
B0
A2
A1
A0
后置左声道衰减
1
1
1
B1
B0
A2
A1
A0
后置右声道衰减
1
0
0
B1
B0
A2
A1
A0
前置左声道衰减
1
0
1
B1
B0
A2
A1
A0
前置右声道衰减
0
1
0
G1
G0
S2
S1
S0
音频选择开关
0
1
1
0
C3
C2
C1
C0
低音控制
0
1
1
1
C3
C2
C1
C0
高音控制
注:Ax=1.25dB/级;Bx=10dB/级;Cx=2dB/级;Gx=3.75dB/级
数据控制位的详细说明
1.音量控制
最高位
最低位
功
能
0
0
B2
B1
B0
A2
A1
A0
音量控制每级
1.25dB
0
0
0
0
0
0
1
-1.25
0
1
0
-2.5
0
1
1
-3.75
1
0
0
-5
1
0
1
-6.25
1
1
0
-7.5
1
1
1
-8.75
0
0
B2
B1
B0
A2
A1
A0
音量控制每级
10dB
0
0
0
0
0
0
1
-10
0
1
0
-20
0
1
1
-30
1
0
0
-40
1
0
1
-50
1
1
0
-60
1
1
1
-70
例如:音量衰减 45dB 的码为 00100100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com