Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3313 Datasheet(PDF) 8 Page - EONMIC TECHNOLOGY LTD

Part # CD3313
Description  Digitally controlled four-channel audio processor with tone and volume processing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EONMIC [EONMIC TECHNOLOGY LTD]
Direct Link  
Logo EONMIC - EONMIC TECHNOLOGY LTD

CD3313 Datasheet(HTML) 8 Page - EONMIC TECHNOLOGY LTD

Back Button CD3313 Datasheet HTML 3Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 4Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 5Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 6Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 7Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 8Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 9Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 10Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 11Page - EONMIC TECHNOLOGY LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EONMIC™
CD3313
CD3313-Ver2.0 2009-8-10 EONMIC TECHNOLOGY LTD. TEL:0755-86211920
8/11
2.四个通道的输出衰减控制
最高位
最低位
功 能
1
0
0
B1
B0
A2
A1
A0
前置左声道衰减
1
0
1
B1
B0
A2
A1
A0
前置右声道衰减
1
1
0
B1
B0
A2
A1
A0
后置左声道衰减
1
1
1
B1
B0
A2
A1
A0
后置右声道衰减
0
0
0
0
0
0
1
-1.25
0
1
0
-2.5
0
1
1
-3.75
1
0
0
-5
1
0
1
-6.25
1
1
0
-7.5
1
1
1
-8.75
0
0
0
0
1
-10
1
0
-20
1
1
-30
1
1
1
1
1
静 音
例如:前置右声道衰减 25dB 的码为 10110100
3.音频开关
最高位
最低位
功 能
0
1
0
G1
G0
S2
S1
S0
音频开关
0
0
立体声信源
1
0
1
立体声信源
2
1
0
立体声信源
3
1
1
立体声信源
4
0
响度“开”
1
响度“关”
0
0
+11.25dB
0
1
+7.5dB
1
0
+3.75dB
1
1
0dB
例如:选择音频输入 2,增益为 7.5dB,响度“开”的码为 01001001
注:立体声信源输入 4 无外接管脚。



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com