Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4R2U Datasheet(PDF) 11 Page - STMicroelectronics

Part # 4R2U
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4R2U Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 4R2U Datasheet HTML 5Page - STMicroelectronics 4R2U Datasheet HTML 6Page - STMicroelectronics 4R2U Datasheet HTML 7Page - STMicroelectronics 4R2U Datasheet HTML 8Page - STMicroelectronics 4R2U Datasheet HTML 9Page - STMicroelectronics 4R2U Datasheet HTML 10Page - STMicroelectronics 4R2U Datasheet HTML 11Page - STMicroelectronics 4R2U Datasheet HTML 12Page - STMicroelectronics 4R2U Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STTH4R02
Package information
11/13
Figure 20.
SMC footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 9.
SMC dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
Table 10.
DO-201AB Dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
8.5
9.5
0.335
0.374
B
25.4
1
Ø C
4.8
5.3
0.189
0.209
Ø D
0.96
1.06
0.038
0.042
E
C
L
E2
E1
D
A1
A2
b
4.25
8.65
2.20
3.30
2.20
ØC
ØD
A
BB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com