Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4R2U Datasheet(PDF) 5 Page - STMicroelectronics

Part # 4R2U
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4R2U Datasheet(HTML) 5 Page - STMicroelectronics

  4R2U Datasheet HTML 1Page - STMicroelectronics 4R2U Datasheet HTML 2Page - STMicroelectronics 4R2U Datasheet HTML 3Page - STMicroelectronics 4R2U Datasheet HTML 4Page - STMicroelectronics 4R2U Datasheet HTML 5Page - STMicroelectronics 4R2U Datasheet HTML 6Page - STMicroelectronics 4R2U Datasheet HTML 7Page - STMicroelectronics 4R2U Datasheet HTML 8Page - STMicroelectronics 4R2U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STTH4R02
Characteristics
5/13
Figure 9.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 10.
Reverse recovery charges versus
dIF/dt (typical values)
10
100
1
10
100
1000
C(pF)
F=1MHz
V
osc=30mVRMS
T
j=25°C
VR(V)
0
20
40
60
80
100
120
0
50
100
150
200
250
300
350
400
450
500
Q
RR(nC)
I
F=4A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
Figure 11.
Reverse recovery time versus dIF/dt
(typical values)
Figure 12.
Peak reverse recovery current
versus dIF/dt (typical values)
0
10
20
30
40
50
60
70
80
10
100
1000
t
RR(ns)
I
F=4A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
0
2
4
6
8
10
0
50
100
150
200
250
300
350
400
450
500
I
RM(A)
I
F=4A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
Figure 13.
Dynamic parameters versus
junction temperature
Figure 14.
Thermal resistance, junction to
ambient, versus copper surface
under tab - DPAK (Epoxy printed
circuit board FR4, eCU = 35 µm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F=4A
V
R=160V
Tj(°C)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
DPAK
SCU(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com