Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4R2U Datasheet(PDF) 12 Page - STMicroelectronics

Part # 4R2U
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4R2U Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 4R2U Datasheet HTML 5Page - STMicroelectronics 4R2U Datasheet HTML 6Page - STMicroelectronics 4R2U Datasheet HTML 7Page - STMicroelectronics 4R2U Datasheet HTML 8Page - STMicroelectronics 4R2U Datasheet HTML 9Page - STMicroelectronics 4R2U Datasheet HTML 10Page - STMicroelectronics 4R2U Datasheet HTML 11Page - STMicroelectronics 4R2U Datasheet HTML 12Page - STMicroelectronics 4R2U Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
STTH4R02
12/13
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH4R02D
STTH4R02
TO-220AC
1.86 g
50
Tube
STTH4R02FP
STTH4R02
TO-220FPAC
2.2 g
50
Tube
STTH4R02B
STTH4R02
DPAK
0.30 g
75
Tube
STTH4R02B-TR
STTH4R02
DPAK
0.30 g
2500
Tape and reel
STTH4R02U
4R2U
SMB
0.107 g
2500
Tape and reel
STTH4R02
STTH4R02
DO-201AB
0.876 g
600
Ammopack
STTH4R02RL
STTH4R02
DO-201AB
0.876 g
1900
Tape and reel
STTH4R02S
4R2S
SMC
0.243 g
2500
Tape and reel
Date
Revision
Description of Changes
03-May-2006
1
First issue.
10-Oct-2006
2
Added SMC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com