Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4R2U Datasheet(PDF) 3 Page - STMicroelectronics

Part # 4R2U
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4R2U Datasheet(HTML) 3 Page - STMicroelectronics

  4R2U Datasheet HTML 1Page - STMicroelectronics 4R2U Datasheet HTML 2Page - STMicroelectronics 4R2U Datasheet HTML 3Page - STMicroelectronics 4R2U Datasheet HTML 4Page - STMicroelectronics 4R2U Datasheet HTML 5Page - STMicroelectronics 4R2U Datasheet HTML 6Page - STMicroelectronics 4R2U Datasheet HTML 7Page - STMicroelectronics 4R2U Datasheet HTML 8Page - STMicroelectronics 4R2U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STTH4R02
Characteristics
3/13
To evaluate the conduction losses use the following equation:
P = 0.67 x IF(AV) + 0.04 IF
2
(RMS)
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
3
µA
Tj = 125° C
2
20
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 12 A
1.15
1.25
V
Tj = 25° C
IF = 4 A
0.95
1.05
Tj = 150° C
0.76
0.83
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
24
30
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25° C
16
20
IRM
Reverse recovery current
IF = 4 A, dIF/dt = -200 A/µs,
VR = 160 V, Tj = 125° C
4.4
5.5
A
tfr
Forward recovery time
IF = 4 A, dIF/dt = 50 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
80
ns
VFP
Forward recovery voltage
IF = 4 A, dIF/dt = 50 A/µs,
Tj = 25° C
1.6
V
Figure 1.
peak current versus duty cycle
Figure 2.
Forward voltage drop versus
forward current (typical values)
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
M(A)
T
d=tp/T
tp
I
M
T
δ=tp/T
tp
I
M
P = 2 W
P = 2 W
P = 1 W
P = 1 W
P = 5 W
P = 5 W
δ
I
FM(A)
0
25
50
75
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
j=25°C
T
j=150°C
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com