Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17529EV/EL Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC17529EV/EL
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17529EV/EL Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC17529EV/EL Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
17529
ORDERABLE PARTS
ORDERABLE PARTS
Table 1. Orderable Part Variations (1)
Part Number
Temperature (TA)
Package
MPC17529EV/EL (2)
-20 °C to 65 °C
20 VMFP
MPC17529EJ
20 TSSOP (exposed pad)
Notes
1.
To order parts in Tape & Reel, add the R2 suffix to the part number.
2.
Not recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com