Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17529EV/EL Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC17529EV/EL
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17529EV/EL Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC17529EV/EL Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document Number: MPC17529
Rev. 4.0, 10/2015
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2012-2015. All rights reserved.
0.7 A Dual H-Bridge Motor Driver
with 3.0V/5.0V Compatible Logic I/O
The 17529 is a monolithic dual H-Bridge power IC ideal for portable
electronic applications containing bipolar step motors and/or brush DC-motors
(e.g., cameras and disk drive head positioners).
The 17529 operates from 2.0 V to 6.8 V, with independent control of each H-
Bridge via parallel MCU interface (3.0 V and 5.0 V compatible logic). The device
features an on-board charge pump, as well as built-in shoot-through current
protection and an undervoltage shutdown function.
The 17529 has four operating modes: forward, reverse, brake, and tri-stated
(high-impedance). The 17529 has a low total RDS(on) of 1.2 Ω (max at 25 °C).
The 17529’s low output resistance and high slew rate provides efficient drive
for many types of micromotors.
Features
• Low total RDS(on) 0.7 Ω (typ), 1.2 Ω (max) at 25 °C
• Output current 0.7 A (DC), 1.4 A (peak)
• Shoot-through current protection circuit
•3.0 V/5.0 V CMOS-compatible inputs
• PWM control input frequency up to 200 kHz
• Built-in charge pump circuit
• Low power consumption
• Undervoltage detection and shutdown circuit
Figure 1. 17529 Simplified Application Diagram
DUAL H-BRIDGE
EV SUFFIX (PB-FREE)
98ASA10616D
20-PIN VMFP
17529
EJ SUFFIX (PB-FREE)
98ASA00887D
20-PIN TSSOP
WITH EXPOSED PAD
VDD
CRES
C1L
C1H
C2L
C2H
IN2B
OE
IN2A
IN1A
OUT2B
OUT2A
OUT1B
OUT1A
VM 1/2
GND
MCU
IN1B
5.0 V
5.0 V
17529
Bipolar
Step
Motor
N
S
PGND1/2


Similar Part No. - MPC17529EV/EL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529EV MOTOROLA-MPC17529EV Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
MPC17529EV FREESCALE-MPC17529EV Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17529EVEL FREESCALE-MPC17529EVEL Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
More results

Similar Description - MPC17529EV/EL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529 MOTOROLA-MPC17529 Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
17529 FREESCALE-17529 Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17531A FREESCALE-MPC17531A_08 Datasheet
641Kb / 20P
700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com