Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17529EV/EL Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC17529EV/EL
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17529EV/EL Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC17529EV/EL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
17529
PACKAGE DIMENSIONS
FUNCTIONAL PIN DESCRIPTION
PACKAGE DIMENSIONS
Package dimensions are provided in package drawings. To find the most current package outline drawing, go to www.freescale.com
and perform a keyword search for the drawing’s document number.
Table 7.
Package
Suffix
Package Outline Drawing Number
20-PIN VMFP
EV
98ASA10616D
20-TSSOP
EJ
98ASA00887D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com