Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17529EV/EL Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC17529EV/EL
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17529EV/EL Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC17529EV/EL Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17529EV/EL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
17529
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding the ratings may cause a malfunction or permanent damage
to the device.
Symbol
Rating
Value
Unit
Notes
VM
Motor Supply Voltage
-0.5 to 8.0
V
VCRES
Charge Pump Output Voltage
-0.5 to 14
V
VDD
Logic Supply Voltage
-0.5 to 7.0
V
VIN
Signal Input Voltage
-0.5 to VDD+0.5
V
IO
IOPK
Driver Output Current
• Continuous
• Peak
0.7
1.4
A
(3)
VESD1
VESD2
ESD Voltage
• Human Body Model
• Machine Model
±1500
±200
V
(4)
(5)
TJ
Operating Junction Temperature
-20 to 150
°C
TA
Operating Ambient Temperature
-20 to 65
°C
TSTG
Storage Temperature Range
-65 to 150
°C
RθJA
Thermal Resistance
120
°C/W
(6)
PD
Power Dissipation
1040
mW
(7)
TPPRT
Peak Package Reflow Temperature During Reflow
Note 9
°C
(8), (9)
Notes
3.
TA = 25 °C, 10 ms pulse at 200 ms interval.
4.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
5.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
6.
Mounted on 37 x 50 Cu area (1.6 mm FR-4 PCB).
7.
TA = 25 °C.
8.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause a
malfunction or permanent damage to the device.
9.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and
Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view
all orderable parts (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com