Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7421
Description  ISO7421-EP Low-Power Dual Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7421 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISO7421-EP
SLLSEN3 – DECEMBER 2015
www.ti.com
Table of Contents
6.13
Switching Characteristics: VCC1 and VCC2 at 3.3 V
1
Features .................................................................. 1
±10% .......................................................................... 7
2
Applications ........................................................... 1
6.14
Typical Characteristics ............................................ 8
3
Description ............................................................. 1
7
Parameter Measurement Information .................. 9
4
Revision History..................................................... 2
8
Detailed Description ............................................ 10
5
Pin Configuration and Functions ......................... 3
8.1
Overview ................................................................. 10
6
Specifications......................................................... 4
8.2
Functional Block Diagram ....................................... 10
6.1
Absolute Maximum Ratings ...................................... 4
8.3
Feature Description................................................. 11
6.2
ESD Ratings.............................................................. 4
8.4
Device Functional Modes........................................ 13
6.3
Recommended Operating Conditions ....................... 4
9
Application and Implementation ........................ 14
6.4
Thermal Information .................................................. 4
9.1
Application Information............................................ 14
6.5
Electrical Characteristics: VCC1 and VCC2 at 5 V
9.2
Typical Application ................................................. 14
±10% .......................................................................... 5
10
Power Supply Recommendations ..................... 16
6.6
Electrical Characteristics: VCC1 at 5 V ±10%, VCC2 at
3.3 V ±10% ................................................................ 5
11
Layout................................................................... 16
6.7
Electrical Characteristics: VCC1 at 3.3 V ±10%, VCC2
11.1
Layout Guidelines ................................................. 16
at 5 V ±10% ............................................................... 6
11.2
Layout Example .................................................... 16
6.8
Electrical Characteristics: VCC1 and VCC2 at 3.3 V
12
Device and Documentation Support ................. 17
±10% .......................................................................... 6
12.1
Documentation Support ........................................ 17
6.9
Power Dissipation ..................................................... 6
12.2
Community Resources.......................................... 17
6.10
Switching Characteristics: VCC1 and VCC2 at 5 V
12.3
Trademarks ........................................................... 17
±10% .......................................................................... 7
12.4
Electrostatic Discharge Caution ............................ 17
6.11
Switching Characteristics: VCC1 at 5 V ±10%, VCC2
12.5
Glossary ................................................................ 17
at 3.3 V ±10% ............................................................ 7
6.12
Switching Characteristics: VCC1 at 3.3 V ±10%,
13
Mechanical, Packaging, and Orderable
VCC2 at 5 V ±10% ...................................................... 7
Information ........................................................... 17
4 Revision History
DATE
REVISION
NOTES
December 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7421-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com