Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO7421
Description  ISO7421-EP Low-Power Dual Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments ISO7421 Datasheet HTML 10Page - Texas Instruments ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments ISO7421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISO7421-EP
SLLSEN3 – DECEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The ISO7421 digital isolator has two isolated channels. The ISO7421 provides galvanic isolation up to
2500VRMS for one minute per UL. The isolator in Figure 9 is based on a capacitive isolation barrier technique.
The I/O channel of the device consists of two internal data channels, a high-frequency channel (HF) with a
bandwidth from 100 kbps up to 1 Mbps, and a low-frequency channel (LF) covering the range from 100 kbps
down to DC. In principle, a single- ended input signal entering the HF-channel is split into a differential signal via
the inverter gate at the input. The following capacitor-resistor networks differentiate the signal into transients,
which then are converted into differential pulses by two comparators. The comparator outputs drive a NOR-gate
flip-flop whose output feeds an output multiplexer. A decision logic (DCL) at the driving output of the flip-flop
measures the durations between signal transients. If the duration between two consecutive transients exceeds a
certain time limit, (as in the case of a low-frequency signal), the DCL forces the output-multiplexer to switch from
the high- to the low-frequency channel.
Because low-frequency input signals require the internal capacitors to assume prohibitively large values, these
signals are pulse-width modulated (PWM) with the carrier frequency of an internal oscillator, thus creating a
sufficiently high frequency signal, capable of passing the capacitive barrier. As the input is modulated, a low-pass
filter (LPF) is needed to remove the high-frequency carrier from the actual data before passing it on to the output
multiplexer.
8.2 Functional Block Diagram
Figure 9. Conceptual Block Diagram of a Digital Capacitive Isolator
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7421-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com