Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO7421
Description  ISO7421-EP Low-Power Dual Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7421 Datasheet(HTML) 5 Page - Texas Instruments

  ISO7421 Datasheet HTML 1Page - Texas Instruments ISO7421 Datasheet HTML 2Page - Texas Instruments ISO7421 Datasheet HTML 3Page - Texas Instruments ISO7421 Datasheet HTML 4Page - Texas Instruments ISO7421 Datasheet HTML 5Page - Texas Instruments ISO7421 Datasheet HTML 6Page - Texas Instruments ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISO7421-EP
www.ti.com
SLLSEN3 – DECEMBER 2015
6.5 Electrical Characteristics: VCC1 and VCC2 at 5 V ±10%
TJ = –55°C to 136°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 6.
VCCO
(1) – 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 6.
VCCO – 0.1
5
IOL = 4 mA; see Figure 6.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 6.
0
0.1
VI(HYS) Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
INx at 0 V or VCCI
(1)
IIL
Low-level input current
–10
μA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; see Figure 8.
25
50
kV/
μs
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ICC1
Supply current for VCC1
2
4
DC to 1 Mbps VI = VCCI or 0 V, 15 pF load
mA
ICC2
Supply current for VCC2
2
4
(1)
VCCI = Input-side power supply, VCCO = Output-side power supply
6.6 Electrical Characteristics: VCC1 at 5 V ±10%, VCC2 at 3.3 V ±10%
TJ = –55°C to 136°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see
5-V side
VCCO
(1) –
4.6
Figure 6.
0.8
VOH
High-level output voltage
V
3.3-V side
VCCO – 0.4
3
IOH = –20 μA; see Figure 6,
VCCO – 0.1
VCC
IOL = 4 mA; see Figure 6.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 6.
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
INx at 0 V or VCCI
(1)
IIL
Low-level input current
–10
μA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; seeFigure 8 .
25
40
kV/
μs
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ICC1
Supply current for VCC1
2
4
mA
VI = VCCI or 0 V,
DC to 1 Mbps
15 pF load
ICC2
Supply current for VCC2
1.5
3.5
mA
(1)
VCCI = Input-side power supply, VCCO = Output-side power supply
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7421-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com