Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7421 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO7421
Description  ISO7421-EP Low-Power Dual Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 7Page - Texas Instruments ISO7421 Datasheet HTML 8Page - Texas Instruments ISO7421 Datasheet HTML 9Page - Texas Instruments ISO7421 Datasheet HTML 10Page - Texas Instruments ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments ISO7421 Datasheet HTML 14Page - Texas Instruments ISO7421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ISO7421-EP
www.ti.com
SLLSEN3 – DECEMBER 2015
8.3 Feature Description
8.3.1 Insulation Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
SPECIFICATION
UNIT
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM
Maximum working insulation voltage
566
VPK
VPR
Input-to-output test voltage
t = 1 s (100% production), partial discharge 5 pC
1062
VPK
t = 60 s (qualification)
VIOTM
Transient overvoltage
4242
VPK
t = 1 s (100% production)
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
UL 1577
VTEST = VISO = 2500 VRMS, t = 60 s (qualification)
VISO
Isolation voltage per UL
2500
VRMS
VTEST = 1.2 x VISO = 3000 VRMS, t = 1 s (100%
production)
(1)
Climatic Classification 40/125/21
Table 1. IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Material group
II
Rated mains voltage
≤ 150 VRMS
I–IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I–III
8.3.2 Package Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (clearance)
Shortest terminal-to-terminal distance through air
4
mm
Minimum external tracking
Shortest terminal-to-terminal distance across the
L(I02)
4
mm
(creepage)
package surface
Tracking resistance (comparative
CTI
DIN EN 60112 (VDE 0303-11); IEC 60112
>400
V
tracking index)
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
0.014
mm
VIO = 500 V, TA = 25°C
>1012
Ω
Isolation resistance, input to
RIO
output(1)
VIO = 500 V, 100°C ≤ TA ≤ max
>1011
Ω
Barrier capacitance, input to
CIO
VIO = 0.4 sin (2πft), f = 1 MHz
1
pF
output(1)
CI
Input capacitance(2)
VI = VCC/2 + 0.4 sin (2πft), f = 1 MHz, VCC = 5 V
1
pF
(1)
All pins on each side of the barrier tied together creating a two-terminal device.
(2)
Measured from input pin to ground.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ISO7421-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com