Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM321MF/NOPB
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321MF/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM321MF/NOPB Datasheet HTML 1Page - Texas Instruments LM321MF/NOPB Datasheet HTML 2Page - Texas Instruments LM321MF/NOPB Datasheet HTML 3Page - Texas Instruments LM321MF/NOPB Datasheet HTML 4Page - Texas Instruments LM321MF/NOPB Datasheet HTML 5Page - Texas Instruments LM321MF/NOPB Datasheet HTML 6Page - Texas Instruments LM321MF/NOPB Datasheet HTML 7Page - Texas Instruments LM321MF/NOPB Datasheet HTML 8Page - Texas Instruments LM321MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM321
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
www.ti.com
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature Range
−40
85
°C
Supply Voltage
3
30
V
6.4 Thermal Information
LM321
THERMAL METRIC(1)
DBV
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
265
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise specified, all limits specified for at TA = 25°C; V
+ = 5 V, V− = 0 V, V
O = 1.4 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
(1)2
7
mV
(1), –40°C ≤ T
J ≤ 85°C
9
IOS
Input Offset Current
5
50
nA
–40°C
≤ TJ ≤ 85°C
150
IB
Input Bias Current (2)
45
250
nA
–40°C
≤ TJ ≤ 85°C
500
VCM
Input Common-Mode Voltage
V+ = 30 V (3), for CMRR > = 50dB
0
V+ - 1.5
Range
V
V+ = 30 V (3), for CMRR > = 50dB, –40°C
≤
V+ - 2
TJ ≤ 85°C
AV
Large Signal Voltage Gain
(V+ = 15 V, RL = 2kΩ, VO = 1.4 V to 11.4
25
100
V)
V/mV
(V+ = 15 V, RL = 2kΩ, VO = 1.4 V to 11.4
15
V), –40°C
≤ TJ ≤ 85°C
PSRR
Power Supply Rejection Ratio
RS ≤ 10kΩ,
65
100
dB
V+
≤ 5 V to 30 V
CMRR
Common Mode Rejection
RS ≤ 10kΩ
65
85
dB
Ratio
VO
Output Swing
VOH
V+ = 30 V, RL = 2kΩ, –40°C ≤ TJ ≤ 85°C
26
V
V+ = 30 V, RL = 10kΩ, –40°C ≤ TJ ≤ 85°C
27
28
VOL
V+ = 5 V, RL = 10kΩ, –40°C ≤ TJ ≤ 85°C
5
20
mV
IS
Supply Current, No Load
V+ = 5 V
0.430
1.15
V+ = 5 V, –40°C
≤ TJ ≤ 85°C
0.7
1.2
mA
V+ = 30 V
0.660
2.85
V+ = 30 V, –40°C
≤ TJ ≤ 85°C
1.5
3
ISOURCE
Output Current Sourcing
VID = +1 V, V
+ = 15 V, V
O = 2 V
20
40
mA
VID = +1 V, V
+ = 15 V, V
O = 2 V, –40°C ≤
10
20
TJ ≤ 85°C
ISINK
Output Current Sinking
VID = −1 V, V
+ = 15 V, V
O = 2 V
10
20
mA
VID = −1 V, V
+ = 15 V, V
O = 2 V, –40°C ≤
TJ ≤ 85°C
5
8
VID = −1 V, V
+ = 15 V, V
O = 0.2 V
12
100
µA
(1)
VO
≅ 1.4 V, RS = 0Ω with V+ from 5 V to 30 V; and over the full input common-mode range (0 V to V+ - 1.5 V) at 25°C.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(3)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V (at 25°C). The
upper end of the common-mode voltage range is V+ - 1.5 V at 25°C, but either or both inputs can go to +32 V without damage,
independent of the magnitude of V+.
4
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com