Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM321MF/NOPB
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321MF/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM321MF/NOPB Datasheet HTML 8Page - Texas Instruments LM321MF/NOPB Datasheet HTML 9Page - Texas Instruments LM321MF/NOPB Datasheet HTML 10Page - Texas Instruments LM321MF/NOPB Datasheet HTML 11Page - Texas Instruments LM321MF/NOPB Datasheet HTML 12Page - Texas Instruments LM321MF/NOPB Datasheet HTML 13Page - Texas Instruments LM321MF/NOPB Datasheet HTML 14Page - Texas Instruments LM321MF/NOPB Datasheet HTML 15Page - Texas Instruments LM321MF/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LM321
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
8.2.4 Power Amplifier
Power amplifier application circuit is shown in Figure 11. Voltage gain is set by R1 and R2. The output of the
amplifier is connected to the base of BJT which amplifies the current. Current gain is set by
β, current gain of a
BJT. The resulting output provides high power to the load. Differential voltage supplies are necessary.
V0 = 0 VDC for VIN = 0 VDC, AV = 10
Figure 11. Power Amplifier Schematic
8.2.5 LED Driver
LM321 operating as an LED driver is shown in Figure 12. The output of the amplifier sets the current through the
diode. The voltage across the LED is assumed constant.
Figure 12. LED Driver Schematic
8.2.6 Fixed Current Sources
Operational amplifier can be used to provide fixed current source to multiple loads. The output voltage of the
amplifier is connected to bases of bipolar transistors. The feedback is provided from the drain of a BJT to the
inverting terminal of the amplifier. Currents in the second and later BJTs are set by the ratio of R1 and R2.
Figure 13. Fixed Current Sources Schematic
12
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com