Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM321MF/NOPB
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321MF/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM321MF/NOPB Datasheet HTML 1Page - Texas Instruments LM321MF/NOPB Datasheet HTML 2Page - Texas Instruments LM321MF/NOPB Datasheet HTML 3Page - Texas Instruments LM321MF/NOPB Datasheet HTML 4Page - Texas Instruments LM321MF/NOPB Datasheet HTML 5Page - Texas Instruments LM321MF/NOPB Datasheet HTML 6Page - Texas Instruments LM321MF/NOPB Datasheet HTML 7Page - Texas Instruments LM321MF/NOPB Datasheet HTML 8Page - Texas Instruments LM321MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM321
www.ti.com
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for at TA = 25°C; V
+ = 5 V, V− = 0 V, V
O = 1.4 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output Short Circuit to Ground V+ = 15 V
40
85
mA
(4)
SR
Slew Rate
V+ = 15 V, RL = 2kΩ, VIN = 0.5 to 3 V, CL =
0.4
V/µs
100pF, Unity Gain
GBW
Gain Bandwidth Product
V+ = 30 V, f = 100kHz, VIN = 10 mV, RL
1
MHz
=2k
Ω, CL = 100 pF
φm
Phase Margin
60
degrees
THD
Total Harmonic Distortion
f = 1kHz, AV = 20dB, RL = 2kΩ, VO = 2VPP,
0.015%
CL = 100 pF, V
+ = 30 V
en
Equivalent Input Noise Voltage f = 1kHz, RS = 100Ω, V
+ = 30 V
40
nV/
√Hz
(4)
Short circuits from the output V+ can cause excessive heating and eventual destruction. When considering short circuits to ground the
maximum output current is approximately 40mA independent of the magnitude of V+. At values of supply voltage in excess of +15V,
continuous short circuits can exceed the power dissipation ratings and cause eventual destruction.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com