Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM321MF/NOPB
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321MF/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM321MF/NOPB Datasheet HTML 7Page - Texas Instruments LM321MF/NOPB Datasheet HTML 8Page - Texas Instruments LM321MF/NOPB Datasheet HTML 9Page - Texas Instruments LM321MF/NOPB Datasheet HTML 10Page - Texas Instruments LM321MF/NOPB Datasheet HTML 11Page - Texas Instruments LM321MF/NOPB Datasheet HTML 12Page - Texas Instruments LM321MF/NOPB Datasheet HTML 13Page - Texas Instruments LM321MF/NOPB Datasheet HTML 14Page - Texas Instruments LM321MF/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM321
www.ti.com
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
Typical Applications (continued)
8.2.2 DC Summing Amplifier (VIN's ≥ 0 VDC and VO ≥ VDC)
The summing amplifier, a special case of the inverting amplifier, is shown in Figure 7. The circuit gives an
inverted output which is equal to the weighted algebraic sum of all four inputs. The gain of any input of this circuit
is equal to the ratio of the appropriate input resistor to the feedback resistor. The advantage of this circuit is that
there is no interaction between inputs and operations such as summing and weighted averaging are
implemented very easily.
Where: V0 = V1 + V2 - V3 - V4, (V1 + V2) ≥ (V3 + V4) to keep VO > 0 VDC
Figure 9. DC Summing Amplifier Schematic
(VIN's ≥ 0 VDC and VO ≥ VDC)
8.2.3 Amplitude Modulator Circuit
The modulator circuit is shown in Figure 10. PWM signal is used to switch the MOSFET. When the MOSFET is
on, the circuit acts as an inverting amplifier with gain 1. When The MOSFET is off, the inverting and non-inverting
signals cancel each other out. Therefore, the output switches from –VIN to GND at the carrier frequency.
Figure 10. Amplitude Modulator Circuit Schematic
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com