Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4674ATL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4674ATL/NOPB
Description  LM4674A Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4674ATL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4674ATL/NOPB Datasheet HTML 9Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 10Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 11Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 12Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 13Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 14Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 15Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 16Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PWM MODULATOR
H-BRIDGE
OSCILLATOR
BIAS
CLICK/POP
SUPPRESSION
PWM MODULATOR
H-BRIDGE
GAIN
CONTROL
VDD
PVDD
INL+
INL-
G0
G1
INR+
INR-
GND
PGND
/SDR
/SDL
OUTLA
OUTLB
OUTRA
OUTRB
PWM MODULATOR
H-BRIDGE
OSCILLATOR
BIAS
CLICK/POP
SUPPRESSION
PWM MODULATOR
H-BRIDGE
GAIN
CONTROL
VDD
PVDD
INL+
INL-
G0
G1
INR+
INR-
GND
PGND
/SDR
/SDL
OUTLA
OUTLB
OUTRA
OUTRB
LM4674A
www.ti.com
SNAS366A – SEPTEMBER 2006 – REVISED MAY 2013
Figure 24. Differential Input Configuration
Figure 25. Single-Ended Input Configuration
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4674A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com