Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4674ATL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4674ATL/NOPB
Description  LM4674A Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4674ATL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4674ATL/NOPB Datasheet HTML 1Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 2Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 3Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 4Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 5Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 6Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 7Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 8Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4674A
www.ti.com
SNAS366A – SEPTEMBER 2006 – REVISED MAY 2013
LM4674A
Filterless 2.5W Stereo Class D Audio Power
Amplifier
Check for Samples: LM4674A
1
FEATURES
DESCRIPTION
The LM4674A is a single supply, high efficiency,
2
•
Output Short Circuit Protection
2.5W/channel, filterless switching audio amplifier. A
•
Stereo Class D Operation
low noise PWM architecture eliminates the output
•
No Output Filter Required
filter, reducing external component count, board area
consumption, system cost, and simplifying design.
•
Logic Selectable Gain
•
Independent Shutdown Control
The LM4674A is designed to meet the demands of
mobile phones and other portable communication
•
Minimum External Components
devices. Operating from a single 5V supply, the
•
Click and Pop Suppression
device is capable of delivering 2.5W/channel of
•
Micro-Power Shutdown
continuous output power to a 4
Ω load with less than
10% THD+N. Flexible power supply requirements
•
Available in Space-Saving 2mm x 2mm x
allow operation from 2.4V to 5.5V.
0.6mm DSBGA Package
The LM4674A features high efficiency compared to
APPLICATIONS
conventional Class AB amplifiers. When driving an
8
Ω speaker from a 3.6V supply, the device features
•
Mobile Phones
85% efficiency at PO = 500mW. Four gain options are
•
PDAs
pin selectable through the GAIN0 and GAIN1 pins.
•
Laptops
Output short circuit protection prevents the device
from being damaged during fault conditions. Superior
KEY SPECIFICATIONS
click
and
pop
suppression
eliminates
audible
transients on power-up/down and during shutdown.
•
Efficiency at 3.6V, 100mW into 8
Ω 80% (typ)
Independent left/right shutdown controls maximizes
•
Efficiency at 3.6V, 500mW into 8
Ω 85% (typ)
power savings in mixed mono/stereo applications.
•
Efficiency at 5V, 1W into 8
Ω 85% (typ)
•
Quiescent Power Supply Current at 3.6V
Supply 4mA
•
Power Output at VDD = 5V, RL = 4Ω, THD ≤ 10%
2.5W (typ)
•
Power Output at VDD = 5V, RL = 8Ω, THD ≤ 10%
1.5W (typ)
•
Shutdown Current 0.1
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4674ATL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4674ATL/NOPB TI-LM4674ATL/NOPB Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
More results

Similar Description - LM4674ATL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com