Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4674ATL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4674ATL/NOPB
Description  LM4674A Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4674ATL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4674ATL/NOPB Datasheet HTML 4Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 5Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 6Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 7Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 8Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 9Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 10Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 11Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
0
500
1000
1500
2000
OUTPUT POWER (mW)
0
10
20
30
40
50
60
70
80
90
100
VDD= 2.5V
VDD = 3.6V
VDD = 5V
0
0
200
400
600
800
1000
1200
OUTPUT POWER (mW)
VDD= 2.5V
VDD = 3.6V
VDD = 5V
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000
FREQUENCY (W)
100
0.01
0.1
1
10
0.001
10
100
1000
10000
100000
FREQUENCY (W)
100
0.01
0.1
1
10
0.001
10
100
1000
10000
100000
FREQUENCY (W)
100
0.01
0.1
1
10
0.001
10
100
1000
10000
100000
FREQUENCY (W)
100
0.01
0.1
1
10
0.001
LM4674A
SNAS366A – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, POUT = 375mW, RL = 8Ω
VDD = 2. 5V, POUT = 100mW, RL = 4Ω
Figure 10.
Figure 11.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V, POUT = 250mW, RL = 4Ω
VDD = 5V, POUT = 375mW, RL = 4Ω
Figure 12.
Figure 13.
Efficiency vs. Output Power
Efficiency vs. Output Power
RL = 4Ω, f = 1kHz
RL = 8Ω, f = 1kHz
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4674A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com