Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4674ATL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4674ATL/NOPB
Description  LM4674A Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4674ATL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4674ATL/NOPB Datasheet HTML 1Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 2Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 3Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 4Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 5Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 6Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 7Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 8Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM4674A
SNAS366A – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 3.6V
(1) (2)
The following specifications apply for AV = 6dB, RL = 15µH + 8Ω + 15µH, f = 1kHz unless otherwise specified. Limits apply for
TA = 25°C.
LM4674A
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
VOS
Differential Output Offset Voltage
VIN = 0, VDD = 2.4V to 5.0 V
5
mV
VIN = 0, RL = ∞,
mA
4
6
Both channels active, VDD = 3.6V
IDD
Quiescent Power Supply Current
VIN = 0, RL = ∞,
mA
5
7.5
Both channels active, VDD = 5V
ISD
Shutdown Current
VSD1 = VSD2 = GND
0.03
1
μA
VSDIH
Shutdown Voltage Input High
1.4
V (min)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
TWU
Wake Up Time
VSHUTDOWN = 0.4V
4.2
ms
GAIN0, GAIN1 = GND
6
6 ± 0.5
dB
GAIN0 = VDD, GAIN1 = GND
12
12 ± 0.5
dB
AV
Gain
GAIN0 = GND, GAIN1 = VDD
18
18 ± 0.5
dB
GAIN0, GAIN1 = VDD
24
24 ± 0.5
dB
AV = 6dB
28
k
Ω
AV = 12dB
18.75
k
Ω
RIN
Input Resistance
AV = 18dB
11.25
k
Ω
AV = 24dB
6.25
k
Ω
RL = 15μH + 4Ω + 15μH, THD = 10%
f = 1kHz, 22kHz BW
VDD = 5V
2.5
W
VDD = 3.6V
1.2
W
VDD = 2.5V
0.530
W
RL = 15μH + 8Ω + 15μH, THD = 10%
f = 1kHz, 22kHz BW
VDD = 5V
1.5
W
VDD = 3.6V
0.78
0.6
W
VDD = 2.5V
0.350
W
PO
Output Power
RL = 15μH + 4Ω + 15μH, THD = 1%
f = 1kHz, 22kHz BW
VDD = 5V
1.9
W
VDD = 3.6V
1
W
VDD = 2.5V
0.430
W
RL = 15μH + 8Ω + 15μH, THD = 1%
f = 1kHz, 22kHz BW
VDD = 5V
1.25
W
VDD = 3.6V
0.63
W
VDD = 2.5V
0.285
W
PO = 500mW, f = 1kHz, RL = 8Ω
0.07
%
THD+N
Total Harmonic Distortion
PO = 300mW, f = 1kHz, RL = 8Ω
0.05
%
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4674A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com