Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPLUSFS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX8MPLUSFS
Description  i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPLUSFS Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX8MPLUSFS Datasheet HTML 1Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 2Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 3Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADVANCED MULTIMEDIA
VIDEO PROCESSING AND
H.265 ENCODING
The i.MX 8M Plus processor features
powerful video processing with an
H.265 video encoder that delivers
highly efficient compression for live
video streaming to the cloud, as
well as highly efficient local memory
storage.
STUNNING USER EXPERIENCE
A video processing unit (VPU)
efficiently encodes and decodes
high-definition video. A 2D/3D
graphics processing unit enables
stunning graphics and supports the
latest interfaces such as OpenGL®
ES 3.1, Vulkan®, OpenCLTM 1.2 and
OpenVGTM 1.1. Apart from multiple
audio interfaces, the i.MX 8M Plus
processor supports Immersiv3D™
audio software with Dolby Atmos®
and DTS:X®, creating cinematic user
experiences.
VOICE SOLUTION
Beyond traditional voice assistance
solutions via the cloud, the i.MX 8M
Plus processor performs local voice
processing tasks such as speaker and
voice recognition, and it successfully
achieves user privacy and fast
response times. The low-power voice
coprocessor, based on a Cadence®
Tensilica® HiFi 4 DSP up to 800 MHz,
helps ensure low power use and high
performance efficiency.
INDUSTRIAL IOT AND RELIABILITY
INTELLIGENCE ADDED TO
INDUSTRIAL IOT
The industrial IoT leverages machine
learning and vision systems paired
with smart sensors to enable machines
to inspect, measure, precisely identify,
and make decisions in a manufacturing
environment.
i.MX 8M PLUS BLOCK DIAGRAM
i.MX 8M FAMILY SCALABILITY
PRODUCT
i.MX 8M NANO
i.MX 8M MINI
i.MX 8M PLUS
i.MX 8M QUAD
Main CPU
4 x Arm® Cortex®-A53
1.6 GHz
4 x Cortex-A53
1.8 GHz
4 x Cortex-A53
1.8 GHz
4 x Cortex-A53
1.5 GHz
MCU/DSP
Cortex-M7 650 MHz
Cortex-M4 400 MHz
Cortex-M7 800 MHz
Hi-Fi4 DSP 800 MHz
Cortex-M4 266 MHz
DDR
16-bit LPDDR4/DDR4/
DDR3L
16/32-bit LPDDR4/
DDR4/DDR3L
32-bit LPDDR4/DDR4
(Inline ECC)
16/32-bit LPDDR4/
DDR4/DDR3L
GPU
GC7000UL (2 shaders),
OpenGL® ES
2.0/3.0/3.1, Vulkan®,
OpenCL™ 1.2
GC NanoUltra
(1 shader),
OpenGL ES 2.0;
GC520L (2D)
GC7000UL
(2 shaders),
OpenGL ES
1.1/2.0/3.0/3.1, OpenVG
1.1, Vulkan, OpenCL 1.2;
GC520L (2D)
GC7000Lite
(4 shaders),
OpenGL ES
2.0/3.0/3.1, Vulkan,
OpenCL 1.2
Security
CAAM, RDC, Arm
TrustZone®
CAAM, RDC,
TrustZone
CAAM, RDC, TrustZone
CAAM, RDC,
TrustZone
AI/ML
OpenCL CPU, GPU:
32 GOPS
OpenCL CPU:
32 GOPS
Neural Processing Unit
2.3 TOPS
OpenCL CPU: 32
GOPS
Camera
1 x MIPI CSI (4-lanes)
MIPI CSI (4-lanes)
2 x MIPI CSI
(4-lanes each)
2 x ISP up to 12 MP
resolution
2 x MIPI CSI
(4-lanes each)
Display
MIPI DSI (4-lanes)
MIPI DSI (4-lanes)
HDMI 2.0a Tx, MIPI DSI
(4-lanes)
LVDS (4/8-lanes)
HDMI 2.0a Tx, MIPI
DSI (4-lanes), DP/
eDP
HDR
HDR10, HLG, Dolby
Vision®
Video
Decode
1080p60 HEVC, H.264,
VP9, VP8
1080p60 HEVC, H.264,
VP9, VP8
4Kp60 HEVC, VP9,
4Kp30 H.264,
legacy
Video
Encode
1080p60 H.264, VP8
1080p60 H.265, H.264
Audio
12 x I2S TDM (32 b @
384 kHz), ASRC, 8-ch.
PDM DMIC input
20 x I2S TDM (32 b @
384 kHz), ASRC, 8-ch.
PDM DMIC input
18 x I2S TDM (32 b @ 384
kHz), ASRC, 8-ch. PDM
DMIC input, eARC
20 x I2S TDM
(32 b @ 384 kHz),
ARC
Expansion
I/O
1 x USB 2.0 with PHY
2 x USB 2.0 with PHY,
1 x PCIe® Gen 2
2 x USB 2.0/3.0 Type C
with PHY,
1 x PCIe Gen 3
2 x USB 3.0 Type C
with PHY,
2 x PCIe Gen 2
Network,
Storage
1 x GbE, 3 x SD/
eMMC, Raw NAND
1 x GbE, 3 x SD/
eMMC, Raw NAND
2 x GbE (1x TSN),
2x CAN/CAN FD
3 x SD/eMMC, Raw NAND
1 x GbE, 2 x SD/
eMMC, Raw NAND
Package
14 x 14 mm 0.5 p
depopulated
14 x 14 mm 0.5 p
depopulated
15 x 15 mm 0.5 p
depopulated
17 x 17 mm 0.65 p
Audio
Display
Machine Learning
External Memory
Video
System Control
Security
Secure JTAG
XTAL
3D Graphics: GC7000UL
Smart DMA x3
Random Number
Arm® TrustZone®
Secure Clock
eFuse Key Storage
DRM Ciphers
Temperature Sensor
Connectivity and I/O
4 x UART 5 Mbit/s, 6 x I2C, 3 x SPI
Dual-ch. QuadSPI (XIP) or
1 x OctalSPI (XIP)
1 x PCIe® Gen 3 – 1-lane
L1 Substates
2x CAN/CAN FD
1080p60 H.265, H.264, VP9, VP8 decoder
Main CPU Platform
512 KB L2 Cache (ECC)
2 x USB 3.0/2.0 Dual-Role with PHY
1080p60 H.265, H.264 encoder
Secondary Cores
32-bit LPDDR4/DDR4
(Inline ECC)
3 x SDIO3.0/ 2 x eMMC5.1
18 x I2S TDM 32 bit at 768 kHz
32 KB Secure RAM
MIPI-DSI (4-lane) with PHY
8-ch. PDM Microphone Input
NAND Controller (BCH62)
2D Graphics: GC520L
Timer x 6
PWM x 4
Watchdog x 3
PLLs
Neural Processing Unit: 2.3 TOPS
Graphics
Vision
Dual Camera ISP (2 x HD/1 x 12MP) HDR, dewarp
HDMI 2.0a Tx (eARC) with PHY
eARC (HDMI)
868 KB On-Chip RAM
1 x LVDS Tx (4 or 8-lane) with PHY
2 x MIPI-CSI (4-lane) with PHY
ASRC
2 x Gbit Ethernet with IEEE® 1588, AVB
(One also supports TSN)
SP/DIF Tx and Rx
Cadence® Tensilica® HiFi 4 DSP
Cortex-M7
2 x/4 x Arm Cortex®-A53
Arm Neon™
32 KB D-cache
FPU
32 KB I-cache
i.MX 8M PLUS BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com