Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPLUSFS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX8MPLUSFS
Description  i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPLUSFS Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX8MPLUSFS Datasheet HTML 1Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 2Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 3Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INDUSTRY 4.0
The i.MX 8M Plus processor enables
Industry 4.0 applications through
multiple high-speed interfaces. A
gigabit Ethernet MAC with time-
sensitive networking (TSN) capability
provides Ethernet-connected
deterministic control with precise time
synchronization. A second gigabit
Ethernet port supports multiple data
networks and gateway applications.
REAL-TIME PROCESSING
An 800 MHz Cortex-M7 processor
performs local, real-time control. It
can eliminate the need for an external
microcontroller in the system design.
The integrated Cortex-M7 core
associated with the CAN FD interfaces
provides a robust local control network
for industrial applications.
HIGHLY RELIABLE
The i.MX 8M Plus includes error-
correcting code (ECC) in critical
points of the system, including the
DDR interface, for high reliability and
support of safety integrity level (SIL)
certification at the system level.
The 14 nm FinFET process provides
lower soft error rates while delivering
high processing speed and low power
consumption.
SYSTEM SCALABILITY AND DESIGN
OPTIMIZATION
EDGEVERSE™ AND HIGH
SCALABILITY
The NXP EdgeVerse portfolio consists
of industry-leading, scalable and
embedded processing, security and
software solutions designed to accelerate
edge computing. As a member of this
portfolio, the i.MX 8M Plus applications
processor elevates intelligence and
simplifies cognition at the edge.
The i.MX 8M Plus processor is the
latest extension of the i.MX 8M
product family. It offers high system
compatibility while adding machine
learning and vision capabilities. A
unified BSP supports each member of
the i.MX 8M family of scalable devices
with high hardware commonality.
PIN-COMPATIBLE PLATFORM
OPTIONS AND DESIGN FLEXIBILITY
Scale up and down the product lineup
through a pin-compatible package
option that can help futureproof
your design. Design your single
PCB platform with build options
that use different i.MX 8M Plus
applications processors to meet your
product needs. Build options include
capabilities such as NPU, VPU or ISP.
FLEXIBILITY IN HIGH-SPEED AND
MEMORY INTERFACES
The i.MX 8M Plus processor offers
the latest high-speed interfaces for
connectivity and fast data transfer with
2 x USB 2.0/3.0 Type C, PCIe® Gen3,
3 x SD/SDIO 3.01, 2 x Gbit Ethernet
with EEE, AVB, IEEE 1588 and TSN
in one port for precise, low latency
control loops, in addition to 2x CAN/
CAN FD FD interfaces.
The comprehensive memory interfaces
supported are 32-bit LPDDR4/DDR4,
eMMC 5.1, 8-bit NAND Flash, SPI
NOR, quad/octo SPI flash, serial NOR
and serial NAND flash. The memory
solution is optimized for the density,
performance and price point.
SYSTEM SECURITY
Security protection features such as
secure boot, encrypted boot, hardware
firewall and run-time integrity checker
(RTIC) support the prevention of
multiple security attacks. These
attacks may include hardware reverse
engineering, malware insertion,
modifying/replacing the device image,
version rollback attacks and physical
attacks.
i.MX 8M PLUS PRODUCT DERIVATIVES
PART NUMBER
APPLICATION
REQUIREMENTS
ARM® CPU
NPU
ISP
VIDEO
FAMILY COMMON
FEATURES
MIMX8ML8xVNxZAB
Machine learning,
vision and video
4 x Cortex®-A53,
Up to 1.8 GHz*
2.3 TOPS
12 MP resolution
Up to 375 MP/s
Decode: 1080p, h.265/4, VP9, VP8
Encode: 1080p, h.265/4
GPU
OpenVG 1.1, G2D,
OpenGL® ES 3.1
Vulkan®, OpenCLTM 1.2 FP
Display/Camera
HDMI Tx, LVDS, MIPI-DSI
2 x MIPI-CSI
Connectivity
2 x USB 2.0/3.0, PCIe® Gen3
2 x Gb Ethernet (1 x TSN)
2x CAN/CAN FD**, 3 x SDIO
Audio
18x I2S TDM (32 bit @ 768 kHz)
SP/DIF RX and TX, eARC
ASRC, 8-ch. PDM
Cortex-M7 @ 800 MHz
low-power voice coprocessor
MIMX8ML6xVNxZAB
Vision and video
4 x Cortex-A53,
Up to 1.8 GHz*
12 MP resolution
Up to 375 MP/s
Decode: 1080p, h.265/4, VP9, VP8
Encode: 1080p, h.265/4
MIMX8ML4xVNxZAB
Full CPU processing
and interfaces
4 x Cortex-A53,
Up to 1.8 GHz*
MIMX8ML3xVNxZAB
Machine learning,
vision and video,
lower CPU perf.
2 x Cortex-A53,
Up to 1.8 GHz*
2.3 TOPS
12 MP resolution
Up to 375 MP/s
Decode: 1080p, h.265/4, VP9, VP8
Encode: 1080p, h.265/4
* Industrial parts up to 1.6 GHz
** Industrial parts only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com