Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPLUSFS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX8MPLUSFS
Description  i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPLUSFS Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX8MPLUSFS Datasheet HTML 1Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 2Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 3Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.nxp.com/iMX8Mplus
NNXP, the NXP logo, EdgeVerse, eIQ and immersiv3D are trademarks of NXP B.V. All other product or service names are the property of their respective owners. OpenCL and the OpenCL logo are
trademarks of Apple Inc. used by permission by Khronos. OpenGL® and the oval logo are trademarks or registered trademarks of Hewlett Packard Enterprise in the United States and/or other countries
worldwide. OpenVG and the OpenVG logo are trademarks of the Khronos Group Inc. Vulkan and the Vulkan logo are registered trademarks of the Khronos Group Inc. Arm, Cortex, Neon and
TrustZone are trademarks or registered trademarks of Arm Limited (or its subsidiaries) in the US and/or elsewhere. The related technology may be protected by any or all patents, copyrights, designs
and trade secrets. All rights reserved. © 2021 NXP B.V.
Document Number: IMX8MPLUSFS REV 4
COMPREHENSIVE SOFTWARE
SUPPORT
NXP supports Android™, Linux® and
FreeRTOS commercial operating
systems. NXP also offers the eIQ™
software tookit, a collection of
libraries and development tools for
building machine learning applications
targeting NXP i.MX applications
processors and MCUs. The eIQ toolkit
leverages open-source technologies
and is fully integrated into NXP’s Yocto
development environments, allowing
the development of complete system-
level applications with ease.
HARDWARE TOOLS
The i.MX 8M Plus evaluation kit
(EVK) enables SoC evaluation and
system prototyping.
Multiple accessory boards are available
to facilitate i.MX 8M Plus processor
evaluation for applications such as
camera modules and display panels.
EXPERT PACKAGE DESIGN FOR
SIMPLIFIED SYSTEM DESIGN
NXP engineers have defined package
options that simplify hardware design
and provide overall system cost benefits
depending on the application. Reference
hardware designs are available to help
get customers started fast.
INDUSTRIAL AND CONSUMER
QUALIFIED
An industrial temperature range (-40
ºC to 105 ºC Tj) supports always-on
operation for more than 10 years. A
consumer application temperature
range (0 ºC to 95 ºC Tj) presents
higher processing frequency.
SUPPLY LONGEVITY
NXP’s Product Longevity program
ensures supply continuity and preserves
your engineering investment for
embedded designs for 10 to 15 years.
https://www.nxp.com/products/
product-information/product-
longevity:PRDCT_ LONGEVITY_HM
i.MX 8M PLUS FEATURES AND BENEFITS
CAPABILITY
FEATURE
BENEFITS
Machine
Learning
Machine
Learning
Neural processing unit (NPU) up to 2.3 TOPS
• Edge inference and intelligence
• No cloud dependency, privacy, better user experience
Vision System
Up to 2 x camera (2 x MIPI-CSI), up to 4Kp30
• 4K vision/1080p stereo vision
• HDR extracts the maximum image details in high-contrast scenes
Dual Camera ISP (2 x HD/1x 12MP) HDR, dewarp
• Dewarp: Fisheye lens correction, reduction of overall optical system
cost
Voice
Low-power voice accelerator,
8-ch. PDM digital microphone input
• Voice systems processed at the edge
• Privacy, better user experience, no cloud dependency
• Low noise and cost-effective microphone system
Advanced
Multimedia
HD Video
1080p60 video decoding, (H.265, H.264)
1080p60 video encoding, (H.265, H.264)
• High-resolution video compression for cloud upload or local storage
• Effective compression with H.265, about twice as effective than H.264
3D/2D
Graphics
OpenVG™ 1.1, OpenGL® ES 3.1, Vulkan®,
OpenCL™ 1.2 FP
• 3D and 2D graphics for rich HMI and user experience
• Vulkan support for Android™ 10 onwards
Advanced
Audio
18 x I2S TDM, DSD512, SP/DIF Tx + Rx, 8-ch. PDM
HDMI 2.0b Tx + eARC, ASRC
• Latest audio technology, including Immersiv3D™ audio software
• eARC for high quality audio for cost-optimized soundbars
Industrial
Network and
Reliability
Industrial
Network
2 x Gigabit Ethernet (1 x with TSN), 2 x CAN FD
• Low latency industrial network for precise control and Industry 4.0
support
• Robust local industrial control network
• Gateway application with dual Ethernet
Memory
Reliability
ECC on L2-cache, In-line ECC on DDR bus
14 nm FinFET process
• High industrial system reliability for safety industrial level
• Low SER rates
Real-Time
Processing
Arm® Cortex®-M7 @ 800 MHz
• High real-time processing power
• Cortex-A complex off loading
• Potential for eliminating an external MCU
Performance
and
Connectivity
High
Performance,
Low Power
2 x or 4 x Cortex-A53 @ 1.8 GHz,
14 nm FinFET, low power, high performance
• Up to 21,600 DMIPS
• Applications running < 2.0 W deep sleep mode < 20 mW
Display
Interfaces
MIPI-DSI, HDMI 2.0b, LVDS 4/8-lane; supports up to
2x1080p60 or 1x4kp30
• Multiple display interface options capable to operate simultaneously
High-Speed
Interfaces
2 x USB 2.0/3.0 (5 Gbit/s each), PCIe® 3.0 (8 Gbit/s),
3 x SDIO 3.0 800 Mbit/s
• Fast connections to Wi-Fi®, FPGAs, coprocessors
• Fast data transfer, e.g., media files



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com