Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8MPLUSFS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMX8MPLUSFS
Description  i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPLUSFS Datasheet(HTML) 1 Page - NXP Semiconductors

  IMX8MPLUSFS Datasheet HTML 1Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 2Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 3Page - NXP Semiconductors IMX8MPLUSFS Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
i.MX 8M PLUS APPLICATIONS
PROCESSOR FAMILY
Edge intelligence, machine learning and
vision for a smart world. MX 8M Plus
applications processors excel in machine
learning (ML), vision, advanced multimedia
and industrial IoT applications. Elevating
edge intelligence, i.MX 8M Plus processors
are an excellent foundation for smart homes
to smart cities, Industry 4.0 and beyond.
TARGET APPLICATIONS
• Smart home: AI local server, alarm hub and security
systems, smart robot, access, control, home patient
monitors, sound bars, AV receivers, and other home
automation applications
• Smart city: safety and security, surveillance, crowd
and traffic control, transportation and fleet management
• Smart world: smart retail, POS interfaces, targeted
advertisement, building control, teleconferencing
systems and healthcare diagnostics
• Industrial IoT: machine vision, robot controller, industrial
gateway, HMI and computers, commercial printers and
scanners, industrial tablets, smart industrial cameras and
multiple factory automation applications
MACHINE LEARNING AND VISION
NEURAL PROCESSING UNIT (NPU)
The powerful i.MX 8M Plus applications processor is based
on the quad-core Arm® Cortex®-A53 processor. It runs at up
to 1.8 GHz with an integrated neural processing unit (NPU)
that delivers up to 2.3 TOPS. As the first i.MX processor with
a machine learning accelerator, the i.MX 8M Plus processor
provides substantially high performance for ML inference
at the edge. As the first i.MX processor with a machine
learning accelerator, the i.MX 8M Plus processor delivers
substantially higher performance for ML inference
at the edge.
Using its integrated NPU, the i.MX 8M Plus processor
simultaneously detects multiple highly complex neural
network functions, including human pose and emotion
detection, multi-object surveillance, and the recognition
of over 40,000 English words. Moving ML inference to
the edge helps remove cloud dependency and assists
in preserving individual privacy while providing an
exceptional user experience.
IMAGE SIGNAL PROCESSOR (ISP)
An intelligent vision system based on the i.MX 8M Plus
ISP and camera interfaces with resolution up to 12 MP and
is capable of an input rate of up to 375 MP/s. This vision
system acts as the eyes of the i.MX 8M Plus processor.
The integrated ISP brings real-time image processing to
high-definition video and performs algorithms that extract
the maximum image details in high-contrast scenes.
A de-warp engine performs fisheye lens correction and
reverses the effects of wide-angle lens distortion. It also
corrects distortions from low-cost lenses and helps
ensure high image quality.


Similar Part No. - IMX8MPLUSFS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
More results

Similar Description - IMX8MPLUSFS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9450 NXP-PCA9450 Datasheet
1Mb / 96P
Power management IC for i.MX 8M application processor family
Rev. 1.0-19 November 2019
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
i.MX 8M Mini Applications Processor
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
PCA9450 NXP-PCA9450_V01 Datasheet
1Mb / 96P
Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com