Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554-R1 Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ30Z554-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ30Z554-R1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ30Z554-R1 Datasheet HTML 12Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 13Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 14Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 15Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 16Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 17Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 18Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 19Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: SBS Timing Characteristics (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bus free time between start and
tBUF
4.7
µs
stop
tHD:STA
Hold time after (repeated) start
4.0
µs
tSU:STA
Repeated start setup time
4.7
µs
tSU:STO
Stop setup time
4.0
µs
tHD:DAT
Data hold time
300
ns
tSU:DAT
Data setup time
250
ns
tTIMEOUT
Error signal/detect
See (1)
25
35
ms
tLOW
Clock low period
4.7
µs
tHIGH
Clock high period
See (2)
Disabled
tHIGH
Clock high period
See (2)
4.0
50
µs
Cumulative clock low slave extend
tLOW:SEXT
See (3)
25
ms
time
Cumulative clock low master
tLOW:MEXT
See (4)
10
ms
extend time
tF
Clock/data fall time
See (5)
300
ns
tR
Clock/data rise time
See (6)
1000
ns
(1)
The bq30z554-R1 times out when any clock low exceeds tTIMEOUT.
(2)
tHIGH, Max, is the minimum bus idle time. SMBC = 1 for t > 50 µs causes reset of any transaction involving bq30z554-R1 in progress.
This specification is valid when the THIGH_VAL = 0. If THIGH_VAL = 1 then the value of THIGH is set by THIGH_1,2 and the timeout is
not SMBus standard.
(3)
tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(4)
tLOW:MEXT is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to the stop.
(5)
Rise time tR = VILMAX – 0.15) to (VIHMIN + 0.15)
(6)
Fall time tF = 0.9 VDD to (VILMAX – 0.15)
ELECTRICAL CHARACTERISTICS: SBS XL Timing Characteristics
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSMBXL
SMBus XL operating frequency
SLAVE mode
40
400
kHz
Bus free time between start and
tBUF
4.7
µs
stop
tHD:STA
Hold time after (repeated) start
4.0
µs
tSU:STA
Repeated start setup time
4.7
µs
tSU:STO
Stop setup time
4.0
µs
tTIMEOUT
Error signal/detect
See (1)
5
20
ms
tLOW
Clock low period
20
µs
tHIGH
Clock high period
See (2)
20
µs
(1)
The bq30z554-R1 times out when any clock low exceeds tTIMEOUT.
(2)
tHIGH, Max, is the minimum bus idle time.
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com