Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554-R1 Datasheet(PDF) 21 Page - Texas Instruments

Part # BQ30Z554-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ30Z554-R1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ30Z554-R1 Datasheet HTML 17Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 18Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 19Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 20Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 21Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 22Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 23Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 24Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
bq30z554-R1
www.ti.com
SLUSBD4 – OCTOBER 2013
BATTERY PARAMETER MEASUREMENTS
Charge and Discharge Counting
The bq30z554-R1 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement,
and a second delta-sigma ADC for individual cell and battery voltage and temperature measurements.
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar
signals from –0.25 V to 0.25 V. The bq30z554-R1 detects charge activity when VSR = V(SRP) – V(SRN) is positive,
and discharge activity when VSR = V(SRP) – V(SRN) is negative. The bq30z554-R1 continuously integrates the
signal over time, using an internal counter. The fundamental rate of the counter is 0.65 nVh.
Voltage
The bq30z554-R1 updates the individual series cell voltages at 0.25-s intervals. The internal ADC of the
bq30z554-R1 measures the voltage, and scales and calibrates it appropriately. This data is also used to
calculate the impedance of the cell for the Impedance Track gas gauging.
Current
The bq30z554-R1 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge
current using a 5-m
Ω to 20-mΩ typ. sense resistor.
Auto Calibration
The bq30z554-R1 provides an auto-calibration feature to cancel the voltage offset error across SRN and SRP for
maximum charge measurement accuracy. The bq30z554-R1 performs auto-calibration when the SMBus lines
stay low continuously for a minimum of 5 s.
Temperature
The bq30z554-R1 has an internal temperature sensor and inputs for four external temperature sensors. All five
temperature sensor options are enabled individually and configured for cell or FET temperature. Two
configurable thermistor models are provided to allow the monitoring of cell temperature in addition to FET
temperature, which may be of a higher temperature type.
CELL BALANCING
The device supports cell balancing by bypassing the current of each cell during charging or at rest. If the device
internal bypass is used, up to 10 mA can be bypassed and multiple cells can be bypassed at the same time.
Higher cell balance current can be achieved by using an external cell balancing circuit. In EXTERNAL CELL
BALANCING mode, only one cell at a time can be balanced.
The cell balancing algorithm determines the amount of charge needed to be bypassed to balance the capacity of
all cells.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com