Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554-R1 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ30Z554-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ30Z554-R1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ30Z554-R1 Datasheet HTML 8Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 9Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 10Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 11Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 12Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 13Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 14Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 15Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: PTC Thermistor Support
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPTC = 0 to 2 V,
RPTC
PTC
TA = –40 °C to 110 °C
1.3
2
2.7
M
VPTC = 0 to 2 V
IO(PTC)
PTC
TA = –40 °C to 110 °C
–450
–370
–230
nA
tPTC
PTC Blanking Delay
TA = –40 °C to 110 °C
60
80
110
ms
ELECTRICAL CHARACTERISTICS: COULOMB COUNTER
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
SRP – SRN
–0.20
0.25
V
Conversion time
Single conversion
250
ms
Resolution (no missing codes)
16
bits
Effective resolution
Single conversion, signed
15
bits
VIN
Offset error
Post Calibrated
10
µV
Offset error drift
0.3
0.5
µV/°C
Full-scale error
–0.8%
0.2%
0.8%
Full-scale error drift
150
PPM/°C
Effective input resistance
2.5
M
Ω
ELECTRICAL CHARACTERISTICS: VC1, VC2, VC3, VC4
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VC4 – VC3, VC3 – VC2, VC2 –
Input voltage range
–0.20
8
V
VC1, VC1 – VSS
Conversion time
Single conversion
32
ms
VIN
Resolution (no missing codes)
16
bits
Effective resolution
Single conversion, signed
15
bits
RDS(ON) for internal FET at VDS >
VDS = VC4 – VC3, VC3 – VC2,
200
310
430
Ω
2 V
VC2 – VC1, VC1 – VSS
R(BAL)
RDS(ON) for internal FET at VDS >
VDS = VC4 – VC3, VC3 – VC2,
60
125
230
Ω
4 V
VC2 – VC1, VC1 – VSS
ELECTRICAL CHARACTERISTICS: TS1, TS2
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
Internal Pull Up Resistor
16.5
17.5
19.0
K
Internal Pull Up Resistor Drift from
RDRIFT
200
PPM/°C
25 °C
RPAD
Internal Pin Pad resistance
84
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com