Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554-R1 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ30Z554-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ30Z554-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ30Z554-R1 Datasheet HTML 1Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 2Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 3Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 4Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 5Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 6Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 7Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 8Page - Texas Instruments BQ30Z554-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
TERMINAL FUNCTIONS
PIN NAME
PIN NUMBER
TYPE
DESCRIPTION
CHG
1
O
Discharge N-FET gate drive
BAT
2
P
Alternate power source
VC1
3
I
Sense input for positive voltage of the top-most cell in the series, and cell balancing input for the
top-most cell in the series
VC2
4
I
Sense input for positive voltage of the third lowest cell in the series, and cell balancing input for
the third lowest cell in the series
VC3
5
I
Sense input for positive voltage of the second lowest cell in the series, and cell balancing input
for the second lowest cell in the series
VC4
6
I
Sense input for positive voltage of the lowest cell in the series, and cell balancing input for the
lowest cell in the series
VSS
7
P
Device ground
TS1
8
AI
Temperature sensor 1 thermistor input
SRP
9
AI
Differential coulomb counter input
TS2
11
AI
Temperature sensor 2 thermistor input
SRN
10
AI
Differential coulomb counter input
PRES
12
I
Host system present input
SMBD
13
I/OD
SBS 1.1 data line
NC
14
—
Not connected, connect to VSS
SMBC
15
I/OD
SBS 1.1 clock line
GPIO
16
I/OD
General Purpose Input-Output
NC
17,18,19,20
—
Not connected
RBI
21
P
RAM backup
REG25
22
P
2.5-V regulator output
VSS
23
P
Device ground
REG33
24
P
3.3-V regulator output
PTC
25
—
Test pin connect to VSS
FUSE
26
O
Fuse drive
VCC
27
P
Power supply voltage
GPOD
28
I/OD
High voltage general purpose I/O
PACK
29
P
Alternate power source
DSG
30
O
Charge N-FET gate drive
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com