Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 4 Page - TT Electronics.

Part # SC250
Description  Metal Tube Flowmeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC250 Datasheet(HTML) 4 Page - TT Electronics.

  SC250 Datasheet HTML 1Page - TT Electronics. SC250 Datasheet HTML 2Page - TT Electronics. SC250 Datasheet HTML 3Page - TT Electronics. SC250 Datasheet HTML 4Page - TT Electronics. SC250 Datasheet HTML 5Page - TT Electronics. SC250 Datasheet HTML 6Page - TT Electronics. SC250 Datasheet HTML 7Page - TT Electronics. SC250 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Metal Tube Flowmeters
SC250
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue C
02/2023 Page 4
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | sheffield.admin@ttelectronics.com
Models SC250
Threaded connection BSP/NPT (EN 1.4404)
R
1/2”
3/4”
1”
1
1/2”
2”
1/2”
L
313
282
285
305
305
282
D
37
40
55
65
80
35
A
118
118
124
129
135
114
E/C
32
35
45
60
70
30
DIN
EQ.
15
15
25
40
50
15 (PC)*
*Max flow rate 250 l/h H2O
Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com