Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 2 Page - TT Electronics.

Part # SC250
Description  Metal Tube Flowmeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC250 Datasheet(HTML) 2 Page - TT Electronics.

  SC250 Datasheet HTML 1Page - TT Electronics. SC250 Datasheet HTML 2Page - TT Electronics. SC250 Datasheet HTML 3Page - TT Electronics. SC250 Datasheet HTML 4Page - TT Electronics. SC250 Datasheet HTML 5Page - TT Electronics. SC250 Datasheet HTML 6Page - TT Electronics. SC250 Datasheet HTML 7Page - TT Electronics. SC250 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Metal Tube Flowmeters
SC250
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue C
02/2023 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | sheffield.admin@ttelectronics.com
SC250/INOX (EN 1.4404 — AISI 316L)
PN40
DN15...DN50
PN16
DN80
Others on request
Working Pressure
Model SC250 Technical Data
Accuracy, acc. To VDI/VDE 3513 sheet 2 (qG = 50%)
2.5% / 1.6% on request
Direct scales in engineering units or in %
Scale range
10:1
Fluid density
No restrictions
Fluid viscosity
Up to 10mPas approx., depending on flow rate
Fluid Temperature
EN 1.4404 (AISI 316L)
-50°C — +300°C
Ambient Temperature
EN 1.4404 (AISI 316L) & PTFE
-5°C — +40°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com