Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 1 Page - TT Electronics.

Part # SC250
Description  Metal Tube Flowmeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC250 Datasheet(HTML) 1 Page - TT Electronics.

  SC250 Datasheet HTML 1Page - TT Electronics. SC250 Datasheet HTML 2Page - TT Electronics. SC250 Datasheet HTML 3Page - TT Electronics. SC250 Datasheet HTML 4Page - TT Electronics. SC250 Datasheet HTML 5Page - TT Electronics. SC250 Datasheet HTML 6Page - TT Electronics. SC250 Datasheet HTML 7Page - TT Electronics. SC250 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Metal Tube Flowmeters
SC250
© TT electronics plc
Issue C 02/2023 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | sheffield.admin@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features Continued:
•
Flow rate (model SC250)
•
Water: 16 l/h — 30m
3/h
•
Air: 500 NI/H — 900Nm
3/h
•
Accuracy: 2.5% (qG=50%) / 1.6% (qG=50%) on request
•
Connections:
•
Model SC250: DN15 — DN80
•
EN1092-1 or ANSI flanges. Other flange standards on request (JIS,…)
•
Threaded connections BSP or NPT
•
Other connections available on request
•
Materials: EN 1.4404 (AISI 316L), other materials available on request
•
Local indication
•
Options:
•
1 or 2 limit switches
•
Electronic transmitter with 4-20mA analog output for safe or hazardous area (EX ia IIC T4 or T6 protection,
ATEX certified). HART protocol available on request
•
Local volume totalizer. Remote volume totalizer by means of pulse output (not available for Ex transmitters)
Description:
Flowmeters are based in the variable area principle. The metering
system consists on a calibrated orifice and a conical float. The force
from the fluid, as it flows from the bottom to the top, displaces the float
until it reaches an equilibrium point that is a function of:
•
E = force of the fluid flow
•
Pf = weight of the float
•
AI = free area of flow
(AI= Ao, calibrated orifice area, - Af, float area)
Each float position represents an area between the float and the orifice.
This area corresponds to a flow rate.
Applications:
•
Water treatment plants, pulp & paper and food industry
•
Pharmaceutical, chemical and petrochemical industry
•
Power plants and nuclear generating plants
•
Heating and cooling circuits
•
Saturated steam circuits
•
Oven treatments and control of gas burners
Features:
•
Metallic tube with a robust construction
•
Indication by means of magnetic coupling
•
High performance measurement in extreme working conditions and high
resistance to corrosion
•
Low pressure drop
•
Damping mechanism to avoid float bounces in gas and steam applications
Ao = calibrated orifice area
Af= float area
Pf= weight of the float
E= force of the fluid flow
AI= Ao-Af = free area of flow


Similar Part No. - SC250

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC250 MOTOROLA-SC250 Datasheet
94Kb / 2P
TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
logo
Semtech Corporation
SC250 SEMTECH-SC250 Datasheet
844Kb / 18P
Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
BIDIRECTIONAL TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
SC250 NJSEMI-SC250 Datasheet
228Kb / 4P
Hermetic Triacs
SC250 NJSEMI-SC250 Datasheet
228Kb / 4P
Hermetic Triacs
More results

Similar Description - SC250

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7400U HAMAMATSU-R7400U Datasheet
301Kb / 8P
METAL PACKAGE PHOTOMULTIPLIER TUBE
R7400U HAMAMATSU-R7400U_04 Datasheet
305Kb / 8P
METAL PACKAGE PHOTOMULTIPLIER TUBE
R9875U HAMAMATSU-R9875U_15 Datasheet
55Kb / 2P
METAL PACKAGE PHOTOMULTIPLIER TUBE
logo
TT Electronics.
DS1115 TTELEC-DS1115 Datasheet
541Kb / 5P
Platon Glass Variable Area Flowmeters
DS1163 TTELEC-DS1163 Datasheet
627Kb / 2P
Platon Fire Sprinkler Flowmeters
DS1221 TTELEC-DS1221 Datasheet
623Kb / 3P
Platon Screwed Metal Tube VA Flowmeter
logo
Shanghai Leiditech Elec...
GDT-AC0800-S05-03 LEIDITECH-GDT-AC0800-S05-03 Datasheet
784Kb / 3P
Freewheeling interrupted metal ceramic gas discharge tube
logo
Schneider Electric
84F SCHNEIDER-84F Datasheet
173Kb / 1P
Vortex flowmeters, Flow, HART
Apr 26, 2022
84FNPT SCHNEIDER-84FNPT Datasheet
98Kb / 1P
Vortex flowmeters, Flow, Male NPT
Apr 26, 2022
MAG2 SCHNEIDER-MAG2 Datasheet
123Kb / 1P
Magnetic flowmeters, Flow, HART
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com