Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 3 Page - TT Electronics.

Part # SC250
Description  Metal Tube Flowmeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC250 Datasheet(HTML) 3 Page - TT Electronics.

  SC250 Datasheet HTML 1Page - TT Electronics. SC250 Datasheet HTML 2Page - TT Electronics. SC250 Datasheet HTML 3Page - TT Electronics. SC250 Datasheet HTML 4Page - TT Electronics. SC250 Datasheet HTML 5Page - TT Electronics. SC250 Datasheet HTML 6Page - TT Electronics. SC250 Datasheet HTML 7Page - TT Electronics. SC250 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Metal Tube Flowmeters
SC250
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue C
02/2023 Page 3
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | sheffield.admin@ttelectronics.com
Materials
3
2
1
7
6
5
4
N° Description
Materials
1
Enclosure
Coated aluminium
2
Window
Polycarbonate (UV resistant)
3
O-rings
NBR
4
Flange seat
EN 1.4404
5
Float
EN 1.4404
6
Flow tube
EN 1.4404
7
Flanges
EN 1.4404
Connections:
•
DN15...DN80 EN 1092-1 flange or ANSI equivalent.
Other flange standards on request (JIS,…)
•
Threaded connections BSP or NPT
Housing:
•
IP65—coated aluminum
. EN 1.4404 (AISI 316L)
with glass window, on request
Operations:
•
Vertical with upwards flow (BD)
Limit Switches and Transmitters:
•
SC-AMD1...2: 1 or 2 adjustable inductive detectors
(+ relays on request)
•
TH7T Ex...: 4-20mA transmitter + totalizer 2 wires
Ex ia IIC T4 or T6 (ATEX). HART protocol is available
on request.
DN15...DN80
The tapered floats are constructed in AISI 316L as standard
or other materials on request, according to the
characteristics of the process fluid.
The maximum working viscosity for these floats is 10
mPa•s approx., depending on flow rate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com