Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525CSETRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4525CSETRT
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525CSETRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC4525CSETRT Datasheet HTML 1Page - Semtech Corporation SC4525CSETRT Datasheet HTML 2Page - Semtech Corporation SC4525CSETRT Datasheet HTML 3Page - Semtech Corporation SC4525CSETRT Datasheet HTML 4Page - Semtech Corporation SC4525CSETRT Datasheet HTML 5Page - Semtech Corporation SC4525CSETRT Datasheet HTML 6Page - Semtech Corporation SC4525CSETRT Datasheet HTML 7Page - Semtech Corporation SC4525CSETRT Datasheet HTML 8Page - Semtech Corporation SC4525CSETRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SC4525C
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
NOTES-
() Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
(2) Tested according to JEDEC standard JESD22-A4-B.
Electrical Characteristics
Unless otherwise noted, V
IN = 2V, VBST = 5V, VSS = 2.2V, -40°C < TA = TJ < 25°C, ROSC = 2.kΩ.
Absolute Maximum Ratings
V
IN Supply Voltage ……………………………… -0.3 to 32V
BST Voltage ……………………………………………… 42V
BST Voltage above SW …………………………………… 34V
SS Voltage ……………………………………………-0.3 to 3V
FB Voltage …………………………………………… -0.3 to V
IN
SW Voltage ………………………………………… -0.6 to V
IN
SW Transient Spikes (0ns Duration)……… -2.5V to V
IN +.5V
Peak IR Reflow Temperature ………………………….
260°C
ESD Protection Level(2) ………………………………… 2000V
Thermal Information
Junction to Ambient () ……………………………… 36°C/W
Junction to Case () ………………………………… 5.5°C/W
Maximum Junction Temperature……………………… 50°C
Storage Temperature ………………………… -65 to +50°C
Lead Temperature (Soldering) 0 sec ………………… 300°C
Parameter
Conditions
Min
Typ
Max
Units
Input Supply
Input Voltage Range
3
28
V
V
IN Start Voltage
V
IN Rising
2.70
2.82
2.95
V
V
IN Start Hysteresis
225
mV
V
IN Quiescent Current
V
COMP = 0 (Not Switching)
2
2.6
mA
V
IN Quiescent Current in Shutdown
V
SS/EN = 0, VIN = 2V
40
52
µA
Error Amplifier
Feedback Voltage
0.980
.000
.020
V
Feedback Voltage Line Regulation
V
IN = 3V to 28V
0.005
%/V
FB Pin Input Bias Current
V
FB = V, VCOMP = 0.8V
-70
-340
nA
Error Amplifier Transconductance
300
µΩ-
Error Amplifier Open-loop Gain
60
dB
COMP Pin to Switch Current Gain
5.2
A/V
COMP Maximum Voltage
V
FB = 0.9V
2.35
V
COMP Source Current
V
FB = 0.8V, VCOMP = 0.8V
7
µA
COMP Sink Current
V
FB = .2V, VCOMP = 0.8V
25
Internal Power Switch
Switch Current Limit
(Note )
3.9
5.
6.6
A
Switch Saturation Voltage
I
SW = -3.9A
380
600
mV
Recommended Operating Conditions
Input Voltage Range ……………………………… 3V to 28V
Maximum Output Current ……………………………… 3A
Operating Ambient Temperature …………… -40 to +05°C
Operating Junction Temperature …………… -40 to +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com