Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525CSETRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4525CSETRT
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525CSETRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC4525CSETRT Datasheet HTML 1Page - Semtech Corporation SC4525CSETRT Datasheet HTML 2Page - Semtech Corporation SC4525CSETRT Datasheet HTML 3Page - Semtech Corporation SC4525CSETRT Datasheet HTML 4Page - Semtech Corporation SC4525CSETRT Datasheet HTML 5Page - Semtech Corporation SC4525CSETRT Datasheet HTML 6Page - Semtech Corporation SC4525CSETRT Datasheet HTML 7Page - Semtech Corporation SC4525CSETRT Datasheet HTML 8Page - Semtech Corporation SC4525CSETRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SC4525C
5
Pin Descriptions
SO-8
Pin Name
Pin Function

SW
Emitter of the internal NPN power transistor. Connect this pin to the inductor, the freewheeling diode and the
bootstrap capacitor.
2
IN
Power supply to the regulator. It is also the collector of the internal NPN power transistor. It must be closely by-
passed to the ground plane.
3
ROSC
An external resistor from this pin to ground sets the oscillator frequency.
4
GND
Ground pin
5
SS/EN
Soft-start and regulator enable pin. A capacitor from this pin to ground provides soft-start and overload hiccup
functions. Hiccup can be disabled by overcoming the internal soft-start discharging current with an external pull-
up resistor connected between the SS/EN and the IN pins. Pulling the SS/EN pin below 0.2V completely shuts off
the regulator to low current state.
6
COMP
The output of the internal error amplifier. The voltage at this pin controls the peak switch current. A RC compensa-
tion network at this pin stabilizes the regulator.
7
FB
The inverting input of the error amplifier. If V
FB falls below 0.8V, then the switching frequency will be reduced to
improve short-circuit robustness (see Applications Information for details).
8
BST
Supply pin to the power transistor driver. Tie to an external diode-capacitor bootstrap circuit to generate drive
voltage higher than V
IN in order to fully enhance the internal NPN power transistor.
9
Exposed Pad
The exposed pad serves as a thermal contact to the circuit board. It is to be soldered to the ground plane of the
PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com