Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525CSETRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4525CSETRT
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525CSETRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4525CSETRT Datasheet HTML 9Page - Semtech Corporation SC4525CSETRT Datasheet HTML 10Page - Semtech Corporation SC4525CSETRT Datasheet HTML 11Page - Semtech Corporation SC4525CSETRT Datasheet HTML 12Page - Semtech Corporation SC4525CSETRT Datasheet HTML 13Page - Semtech Corporation SC4525CSETRT Datasheet HTML 14Page - Semtech Corporation SC4525CSETRT Datasheet HTML 15Page - Semtech Corporation SC4525CSETRT Datasheet HTML 16Page - Semtech Corporation SC4525CSETRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SC4525C
3
Applications Information (Cont.)
D1
SC4525C
BST
GND
IN
SW
D1
C1
VIN
D2
(a)
3V < VO < 8V
D1
(b)
SC4525C
BST
GND
IN
SW
C1
VIN
D2
D3
D2
D3
D3
VO < 2.5V
(C)
SC4525C
BST
GND
IN
SW
C1
VIN
D2
2.5V < VO < 3V
or VO > 8V
Figures 6 — Methods of Bootstrapping the SC4525C
Minimum Soft-start Capacitance CSS
To ensure normal operation, the minimum soft-start
capacitance C
SS can be calculated in terms of the output
capacitance C
O and output load current IO according to
the following equations.
Substituting the first equation into the second equation,
where V
SS is the soft-start capacitor voltage and ISS is the
soft-start charging current. V
 is the voltage defined in
Figure 2.
To ensure successful startup, the total current drawn
from the output must be less than the maximum output
capability of the part,
Substituting the third equation of this section into the
previous equation,
Rearranging,
Therefore the minimum C
SS depends on the output
capacitance and the load current. Larger C
SS is necessary
when starting into a heavy load (small R). If V
IN rise time
exceeds 00ms, then a larger C
SS may be necessary
to produce a monotonic rising output. Always verify
converter start-up on the bench.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com