Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525CSETRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4525CSETRT
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525CSETRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4525CSETRT Datasheet HTML 5Page - Semtech Corporation SC4525CSETRT Datasheet HTML 6Page - Semtech Corporation SC4525CSETRT Datasheet HTML 7Page - Semtech Corporation SC4525CSETRT Datasheet HTML 8Page - Semtech Corporation SC4525CSETRT Datasheet HTML 9Page - Semtech Corporation SC4525CSETRT Datasheet HTML 10Page - Semtech Corporation SC4525CSETRT Datasheet HTML 11Page - Semtech Corporation SC4525CSETRT Datasheet HTML 12Page - Semtech Corporation SC4525CSETRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SC4525C
9
Applications Information
Operation
The SC4525C is a constant-frequency, peak current-mode,
step-down switching regulator with an integrated 28V,
3.9A power NPN transistor. Programmable switching
frequency makes the regulator design more flexible. With
the peak current-mode control, the double reactive poles
of the output LC filter are reduced to a single real pole by
the inner current loop. This simplifies loop compensation
and achieves fast transient response with a simple Type-2
compensation network.
As shown in Figure 2, the switch collector current is
sensed with an integrated 3.53mW sense resistor. The
sensed current is summed with a slope-compensating
ramp before it is compared with the transconductance
error amplifier (EA) output. The PWM comparator trip
point determines the switch turn-on pulse width. The
current-limit comparator ILIM turns off the power switch
when the sensed signal exceeds the 8mV current-limit
threshold.
Driving the base of the power transistor above the
input power supply rail minimizes the power transistor
saturation voltage and maximizes efficiency. An external
bootstrap circuit (formed by the capacitor C
 and the
diode D
 in Figure ) generates such a voltage at the BST
pin for driving the power transistor.
Shutdown and Soft-Start
The SS/EN pin is a multiple-function pin. An external
capacitor (4.7nF to 22nF) connected from the SS pin to
ground sets the soft-start and overload shutoff times of
the regulator (Figure 3). The effect of V
SS/EN on the SC4525C
is summarized in Table .
Table 1: SS/EN operation modes
Pulling the SS/EN pin below 0.2V shuts off the regulator
and reduces the input supply current to 8µA (V
IN = 5V).
When the SS/EN pin is released, the soft-start capacitor
is charged with an internal .9µA current source (not
SS/EN
Mode
Supply Current
<0.2V
Shutdown
18uA @ 5Vin
0.4V to 1.2V
Not switching
2mA
1.2V to 2.15V
Switching & hiccup disabled
>2.15V
Switching & hiccup armed
Load dependent
SS/EN
Mode
Supply Current
<0.2V
Shutdown
18uA @ 5Vin
0.4V to 1.2V
Not switching
2mA
1.2V to 2.15V
Switching & hiccup disabled
>2.15V
Switching & hiccup armed
Load dependent
shown in Figure 3). As the SS/EN voltage exceeds 0.4V,
the internal bias circuit of the SC4525C turns on and the
SC4525C draws 2mA from V
IN. The .9µA charging current
turns off and the 2.4µA current source I
C in Figure 3 slowly
charges the soft-start capacitor.
The error amplifier EA in Figure 2 has two non-inverting
inputs. The non-inverting input with the lower voltage
predominates. One of the non-inverting inputs is biased
to a precision V reference and the other non-inverting
input is tied to the output of the amplifier A
. Amplifier A
produces an outputV
 = 2(VSS/EN -.2V). V is zero and COMP
is forced low when V
SS/EN is below .2V. During start up,
the effective non-inverting input of EA stays at zero until
the soft-start capacitor is charged above .2V. Once V
SS/EN
exceeds .2V, COMP is released. The regulator starts to
switch when V
COMP rises above 0.4V. If the soft-start interval
is made sufficiently long, then the FB voltage (hence the
output voltage) will track V
 during start up. VSS/EN must be
at least .83V for the output to achieve regulation. Proper
soft-start prevents output overshoot. Current drawn from
the input supply is also well controlled.
Overload / Short-Circuit Protection
Table 2 lists various fault conditions and their
corresponding protection schemes in the SC4525C.
Table 2: Fault conditions and protections
Condition
Cause of Fault
Protective Action
IL>ILimit, VFB>0.8V
Over current
Cycle-by-cycle limit at
programmed frequency
IL>ILimit, VFB<0.8V
Over current
Cycle-by-cycle limit with
frequency foldback
VSS/EN Falling
SS/EN<1.9V
Persistent over current
or short circuit
Shutdown, then retry
(Hiccup)
Tj>160C
Over temperature
Shutdown
As summarized in Table , overload shutdown is disabled
during soft-start (V
SS/EN<2.5V). In Figure 3, the reset input
of the overload latch B
2 will remain high if the SS/EN
voltage is below 2.5V. Once the soft-start capacitor is
charged above 2.5V, the output of the Schmitt trigger
B
 goes high, the reset input of B2 goes low and hiccup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com