Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525CEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4525CEVB
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525CEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4525CEVB Datasheet HTML 11Page - Semtech Corporation SC4525CEVB Datasheet HTML 12Page - Semtech Corporation SC4525CEVB Datasheet HTML 13Page - Semtech Corporation SC4525CEVB Datasheet HTML 14Page - Semtech Corporation SC4525CEVB Datasheet HTML 15Page - Semtech Corporation SC4525CEVB Datasheet HTML 16Page - Semtech Corporation SC4525CEVB Datasheet HTML 17Page - Semtech Corporation SC4525CEVB Datasheet HTML 18Page - Semtech Corporation SC4525CEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SC4525C
5
Applications Information (Cont.)
Therefore, the procedure of the voltage loop design for
the SC4525C can be summarized as:
() Plot the converter gain, i.e. control to feedback transfer
function.
(2) Select the open loop crossover frequency, F
C, between
0% and 20% of the switching frequency. At F
C, find the
required compensator gain, A
C. In typical applications with
ceramic output capacitors, the ESR zero is neglected and
the required compensator gain at F
C can be estimated by


x
π
x
x
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2

R
G

log
20
A
(3) Place the compensator zero, F
Z, between 0% and
20% of the crossover frequency, F
C.
(4) Use the compensator pole, F
P, to cancel the ESR zero, FZ.
(5) Then, the parameters of the compensation network
can be calculated by
7

Z
5
R
F
2

C
π
=
7

P
8
R
F
2

C
π
=
m
7
g
0
R
20
C
A
=
where g
m=0.3mA/V is the EA gain of the SC4525C.
Example: Determine the voltage compensator for an
800kHz, 2V to 3.3V/3A converter with 47uF ceramic
output capacitor.
Choose a loop gain crossover frequency of 80kHz, and
place voltage compensator zero and pole at F
Z=6kHz
(20% of F
C), and FP=600kHz. From the equation in step
(2), the required compensator gain at F
C is
dB
14.1
3.
3
0.
1
10
47
10
80
2
1
10
53
.3
18.5
1
log
20
A
6
3
3
C
Then the compensator parameters are
k
10
10
R
3
7
20
=
x
=
−
nF
10
10
16
2
1
C
3
3
5
=
π
=
pF
15.7
10
10
600
2
1
C
3
3
8
=
π
=
k
16.9
10
0.3
R
3
7
20
14.1
=
−
10
10
16
2
C
3
3
5
=
π
10
10
600
2
C
3
3
8
π
x
x
x
x
x
x
x
x
16.9
0.589
16.9
Select R
7=6.9k, C5=0.68nF, and C8=22pF for the design.
Compensator parameters for various typical applications
are listed in Table 5. A MathCAD program is also available
upon request for detailed calculation of the compensator
parameters.
Thermal Considerations
For the power transistor inside the SC4525C, the
conduction loss P
C, the switching loss PSW, and bootstrap
circuit loss P
BST, can be estimated as follows:
O
CESAT
C
I
V
D
P
x
=
SW
O
IN
S
SW
F
I
V
t
2

P =
40
I
V
D
P
O
BST
BST =
x
x
x
x x
x
x
whereV
BST is the BST supply voltage and tS is the equivalent
switching time of the NPN transistor (see Table 4).
Table 4. Typical switching time
1A
2A
3A
12V
12.5ns
15.3ns
18ns
24V
22ns
25ns
28ns
28V
25.3ns
28ns
31ns
Load Current
Input Voltage
In addition, the quiescent current loss is
P
Q = VIN x 2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com