Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525CEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4525CEVB
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525CEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4525CEVB Datasheet HTML 12Page - Semtech Corporation SC4525CEVB Datasheet HTML 13Page - Semtech Corporation SC4525CEVB Datasheet HTML 14Page - Semtech Corporation SC4525CEVB Datasheet HTML 15Page - Semtech Corporation SC4525CEVB Datasheet HTML 16Page - Semtech Corporation SC4525CEVB Datasheet HTML 17Page - Semtech Corporation SC4525CEVB Datasheet HTML 18Page - Semtech Corporation SC4525CEVB Datasheet HTML 19Page - Semtech Corporation SC4525CEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SC4525C
6
Applications Information (Cont.)
The total power loss of the SC4525C is therefore
P
TOTAL = PC + PSW + PBST = PQ
The temperature rise of the SC4525C is the product of the
total power dissipation (see previous equation) and q
JA
(36oC/W), which is the thermal impedance from junction
to ambient for the SOIC-8 EDP package.
It is not recommended to operate the SC4525C above
25oC junction temperature.
PCB Layout Considerations
In a step-down switching regulator, the input bypass
capacitor, the main power switch and the freewheeling
diode carry pulse current (Figure 9). For jitter-free
operation,thesizeoftheloopformedbythesecomponents
should be minimized. Since the power switch is already
integrated within the SC4525C, connecting the anode of
the freewheeling diode close to the negative terminal of
the input bypass capacitor minimizes size of the switched
current loop. The input bypass capacitor should be placed
close to the IN pin. Shortening the traces of the SW and
BST nodes reduces the parasitic trace inductance at these
nodes. This not only reduces EMI but also decreases
switching voltage spikes at these nodes.
The exposed pad should be soldered to a large ground
plane as the ground copper acts as a heat sink for the
device. To ensure proper adhesion to the ground plane,
avoid using vias directly under the device.
IN
V
OUT
V
L
Z
Figure 9 — Pulse Current Loop
NOTE: Heavy lines indicate the critical pulse current loop. The stray
inductance of this loop should be minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com