Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525CEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4525CEVB
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525CEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4525CEVB Datasheet HTML 14Page - Semtech Corporation SC4525CEVB Datasheet HTML 15Page - Semtech Corporation SC4525CEVB Datasheet HTML 16Page - Semtech Corporation SC4525CEVB Datasheet HTML 17Page - Semtech Corporation SC4525CEVB Datasheet HTML 18Page - Semtech Corporation SC4525CEVB Datasheet HTML 19Page - Semtech Corporation SC4525CEVB Datasheet HTML 20Page - Semtech Corporation SC4525CEVB Datasheet HTML 21Page - Semtech Corporation SC4525CEVB Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SC4525C
8
Typical Application Schematics
SC 4525C
GND
IN
SW
BST
L1
6.8mH
C1
0.33mF
SS/ EN
COMP
FB
D2
B 330A
66.5k
R6
33.2k
22 nF
C8
22pF
C 5
3.9nF
L1 : Coiltronics DR74- 6R8
OUT
1.5V/3A
D1 1N 4148
24V
ROSC
C2 : Murata GRM 31 CR60J 476 M
C4
4.7mF
C4 : Murata GRM32 ER71H 475 K
VIN
C2
47mF
C7
R4
69.8k
R5
3.57k
R7
Fig10 : 300 kHz24 V to1.5V/3 A Step
-
Down Converter
D3
18 V Zener
Figure 10. 300kHz 24V to 1.5V/3A Step-down Converter
SC4525C
GND
IN
SW
BST
L1
3.3 mH
C1
0.33m F
SS/EN
COMP
FB
D2
B330A
14.3 k
R6
33.2k
22nF
C 8
22pF
C5
0.82nF
L1 : CoiltronicsDR74 - 3R3
OUT
3.3V/3A
D1
1N4148
10V – 26V
ROSC
C2 :
Murata GRM 31 CR60J 476M
C4
4.7m F
C4 :
Murata GRM 32 ER71H 475K
VIN
C2
47mF
C 7
R4
15.8 k
R5
22.6 k
R7
1
R0
C0
220pF
Figure 11. 1MHz 10V-26V to 3.3V/3A Step-down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com