Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # 0XZ
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

0XZ Datasheet(HTML) 2 Page - Sharp Corporation

  0XZ Datasheet HTML 1Page - Sharp Corporation 0XZ Datasheet HTML 2Page - Sharp Corporation 0XZ Datasheet HTML 3Page - Sharp Corporation 0XZ Datasheet HTML 4Page - Sharp Corporation 0XZ Datasheet HTML 5Page - Sharp Corporation 0XZ Datasheet HTML 6Page - Sharp Corporation 0XZ Datasheet HTML 7Page - Sharp Corporation 0XZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PQ070XZ5MZ/PQ070XZ01Z
Parameter
Symbol
Conditions
VIN
VO
RegL
RegI
TCVref
RR
Unit
MAX.
TYP.
MIN.
−
−
1.225
−
1.275
−
−
−
IO
=5mA to 1A
VIN
=4 to 8V, IO=5mA
−
Tj
=0 to 125˚C, IO=5mA
−
−
0.2
0.2
±1.25
±1.0
2
1
−
(Unless otherwise specified, condition shall be VIN
=5V, VO=3V(R1=1kΩ), IO=0.3A, VC=2.7V, Ta=25˚C, (PQ070XZ5MZ) )
(Unless otherwise specified, condition shall be VIN
=5V, VO=3V(R1=1kΩ), IO=0.5A, VC=2.7V, Ta=25˚C, (PQ070XZ01Z) )
V
V
%
%
V
%
Input voltage range
Output voltage
Load regulation
Vref
IO
=5mA to 0.5A
1.5
7
2.35
10
Reference voltage
Line regulation
Reference voltage temperature coefficient
Ripple Rejection
*4
*4
Output on control voltage
Output off control voltage
Output off control current
Output off dissipation current
Output on control current
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iqs
−
−
−
−
−
−
−
IO=0A
IO=0A, VC=0.4V
VC=0.4V
2
−
−
200
0.8
2
−
V
µA
V
Dropout voltage
VI-O
60
Refer to Fig.2
VIN
=2.85V, IO=0.3mA
VIN
=2.85V, IO=0.5mA
45
−
dB
−
0.5
V
µA
µA
−
5
Quiescent current
Iq
IO=0A
1mA
−
2
*4 In case of opening control terminal
, output voltage turns off
PQ070XZ5MZ
PQ070XZ01Z
PQ070XZ5MZ
PQ070XZ01Z
2
s Electrical Characteristics
RL
IC
VC
Iq
IO
VO
Vref
+
0.33
µF
47
µF
R1
R2
1k
Ω
VIN
A
A
A
3
4
5
2
1
V
V
VO =Vref×(1+R2/R1)
.=.1.25×(1+R
2/R1)
[R1=1kΩ, Vref.=
.1.25V]
Fig.1
Standard Test Circuit
IO
RL
R2
VIN
Vref
VC
ei
eo
R1
1k
Ω
2.7V
+
+
3
1
2
4
5
0.33
µF
47
µF
VIN=5V
IO=0.3A
RR
=20log(ei(rms)/eo(rms))
f
=120Hz(sine wave)
ei(rms)
=0.5V
VO=3V(R1=1kΩ)
V
~
~
Fig.2
Test Circuit for Ripple Rejection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com