Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # 0XZ
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

0XZ Datasheet(HTML) 1 Page - Sharp Corporation

  0XZ Datasheet HTML 1Page - Sharp Corporation 0XZ Datasheet HTML 2Page - Sharp Corporation 0XZ Datasheet HTML 3Page - Sharp Corporation 0XZ Datasheet HTML 4Page - Sharp Corporation 0XZ Datasheet HTML 5Page - Sharp Corporation 0XZ Datasheet HTML 6Page - Sharp Corporation 0XZ Datasheet HTML 7Page - Sharp Corporation 0XZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PQ070XZ5MZ/
PQ070XZ01Z
PQ070XZ5MZ/PQ070XZ01Z
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
Parameter
Symbol
Rating
Unit
Input voltage
10
V
8
10
5
0.5
1
V
V
A
W
150
˚C
−40 to +85
˚C
Junction temperature
Output adjustment terminal voltage
Output
current
PQ070XZ5MZ
PQ070XZ01Z
Output control voltage
VIN
VADJ
IO
VC
Tj
(Ta
=25°C)
Operating temperature
Storage temperature
Soldering temperature
Topr
−40 to +150
˚C
Tstg
260 (10s)
˚C
Tsol
*1
*1
*1
*3
Power dissipation
PD
*2
*1 All are open except GND and applicable terminals
*2 PD:With infinite heat sink
*3 Overheat protection may operate at the condition Tj=125˚C to 150˚C
1. Peripheral equipment of personal computers
2. Power supplies for various electronic equipment such as
DVD player or STB
s Features
s Applications
SC-63 Package, Low Voltage
Operation Low Power-loss
Voltage Regulator
1. Low voltage operation (Minimum operating voltage:2.35V)
2.5V input
→ available 1.5 to 1.8V
2. Low dissipation current
Dissipation current at no load:MAX.2mA
(Conventional model:MAX.10mA)
OFF-state dissipation current:MAX.5
µA
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
s Model Line-up
Variable output
Package type
Taping
Sleeve
Taping
Sleeve
0.5A
1A
PQ070XZ01ZZ
PQ070XZ01ZP
PQ070XZ5MZZ
PQ070XZ5MZP
Output current (IO)
❈ (
) : Typical dimensions
0.5+
0.2
−0.1
Epoxy resin
(0.5)
(0.5)
(0 to 0.25)
6.6
MAX.
5.2±
0.5
2.3±
0.5
4
−(1.27)
070XZ5M
3
1
2
3
4
5
DC input (VIN)
ON/OFF control (VC)
DC output (VO)
Output voltage adjustment
(VADJ)
GND
1
2
3
4
5
Specific IC
1
2
3
4
5


Similar Part No. - 0XZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
0XZ SHARP-0XZ Datasheet
1Mb / 22P
DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
0XZ SHARP-0XZ Datasheet
173Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
More results

Similar Description - 0XZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulator
PQ070XZ1HZXH SHARP-PQ070XZ1HZXH Datasheet
151Kb / 5P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZXH SHARP-PQ070XZ5MZXH Datasheet
173Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com