Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet (PDF) - Sharp Corporation

0XZ Datasheet PDF - Sharp Corporation
Part # 0XZ
Download  0XZ Download
File Size   173.9 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Voltage Operation Low Power-loss Voltage Regulator

0XZ Datasheet (PDF)

Go To PDF Page Download Datasheet
0XZ Datasheet PDF - Sharp Corporation

Part # 0XZ
Download  0XZ Click to download

File Size   173.9 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Voltage Operation Low Power-loss Voltage Regulator

0XZ Datasheet (HTML) - Sharp Corporation


0XZ Product details

Low Voltage Operation Low Power-loss Voltage Regulator



Features

1.Low voltage operation (Minimum operating voltage: 2.35V)

  2.5V input →available 1.5 to 1.8V

2.Low dissipation current

  Dissipation current at no load: MAX.2mA

  Output OFF-state dissipation current: MAX.5μA

3.Low power-loss (Dropout voltage: MAX.0.5V)

4.Built-in overcurrent and overheat protection functions

5.RoHS directive compliant



Applications

1.Peripheral equipment of personal computers

2.Power supplies for various electronic equipment such as DVD player or STB




Similar Part No. - 0XZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
0XZ SHARP-0XZ Datasheet
1Mb / 22P
DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
0XZ SHARP-0XZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
More results


Similar Description - 0XZ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulator
PQ070XZ1HZXH SHARP-PQ070XZ1HZXH Datasheet
151Kb / 5P
Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ02ZPH SHARP-PQ070XZ02ZPH Datasheet
139Kb / 4P
Low Voltage Operation Low Power-loss Voltage Regulator
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com