Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # 0XZ
Description  Low Voltage Operation Low Power-loss Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

0XZ Datasheet(HTML) 2 Page - Sharp Corporation

  0XZ Datasheet HTML 1Page - Sharp Corporation 0XZ Datasheet HTML 2Page - Sharp Corporation 0XZ Datasheet HTML 3Page - Sharp Corporation 0XZ Datasheet HTML 4Page - Sharp Corporation 0XZ Datasheet HTML 5Page - Sharp Corporation 0XZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Sheet No.: OP06019
Electrical Characteristics
V
Parameter
Output voltage
Load regulation
Line regulation
Ripple rejection
-
Symbol
Conditions
MIN.
MAX.
Unit
-
0.2
2.0
-
-
-
Input voltage
-
%
-
-
1
TYP.
V
%
-
-
VIN
VO
RegL
IO=5mA to 0.5A
RegI
Temperature coefficient of reference voltage
0.2
2.35
-
10
1.5
-
7
1.0
Refer to Fig.2
dB
-
Fig.1 Test Circuit
Fig.2 Test Circuit for Ripple Rejection
RR
45
60
V
%
2.0
200
V
V
1.275
V
mA
VIN=4 to 8V,IO=5mA
TCVref
Tj=0 to 125°C, IO=5mA
VI-O
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iqs
μA
VC=0.4V
IO=0mA
IO=0mA, VC=0.4V
VIN=2.85V,IO=0.3A
Vref
1.225
±1.0
IO=0A
Iq
Dropout voltage
0.5
Reference voltage
-
ON-state voltage for control
OFF-state voltage for control
OFF-state current for control
Output OFF-state consumption current
ON-state current for control
Quiescent current
4
-
--
0.8
--
2
μA
--
2
-
5
μA
--
4 In case of opening control terminal ② , output voltage turns off.
+
A
A
A
3
4
5
2
1
V
V
ei
eo
2.7V
+
+
3
1
2
4
5
V
~
~
VO=Vref×(1+R2/R1)
[R1=1kΩ,Vref≒1.25V]
f=120Hz sine wave
ei(rms)=0.5V
VO=3V(R1=1kΩ)
VIN=5V
IO=0.3A
RR=20log(ei(rms)/eo(rms))
VIN
0.33μF
VC
IC
Iq
R2
Vref
R1
1kΩ
47μF
VO
IO
RL
VIN
0.33μF
VC
R2
Vref
R1
1kΩ
47μF
RL
IO
PQ070XZ5MZxH
PQ070XZ01ZxH
(Unless otherwise specified, condition shall be VIN=5V, VO=3V(R1=1kΩ), IO=0.3A, VC=2.7V,Ta=25˚C,(PQ070XZ5MZxH))
(Unless otherwise specified, condition shall be VIN=5V, VO=3V(R1=1kΩ), IO=0.5A, VC=2.7V,Ta=25˚C,(PQ070XZ01ZxH))
IO=5mA to 1.0A
PQ070XZ5MZxH
PQ070XZ01ZxH
VIN=2.85V,IO=0.5A
1.25
4
PQ070XZ5MZxH/PQ070XZ01ZxH
+
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com