Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet(PDF) 3 Page - Sharp Corporation

Part # 0XZ
Description  Low Voltage Operation Low Power-loss Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

0XZ Datasheet(HTML) 3 Page - Sharp Corporation

  0XZ Datasheet HTML 1Page - Sharp Corporation 0XZ Datasheet HTML 2Page - Sharp Corporation 0XZ Datasheet HTML 3Page - Sharp Corporation 0XZ Datasheet HTML 4Page - Sharp Corporation 0XZ Datasheet HTML 5Page - Sharp Corporation 0XZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sheet No.: OP06019
Ambient temperature Ta (°C)
-40 -20
0
20 40
60 80 100 120 140 150
0
5
8
10
PD :
With infinite heat sink
Fig.3 Power Dissipation vs. Ambient
Temperature
Note) Oblique line portion:Overheat protection may operate in this area.
Fig.4 Overcurrent Protection Characteristics
(PQ070XZ01ZxH)
Output current IO (A)
Fig.6 Reference Voltage vs. Ambient
Temperature
PQ070XZ5MZxH/PQ070XZ01ZxH
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
V IN =7V
V IN =5V
V IN =4.5V
V O=3V
V IN =10V
V IN =5.5V
0
0.5
1
1.5
2
2.5
3
0
0.2
0.4
0.6
0.8
1
1.2
0.1
0.3
0.5
0.7
0.9
1.1
V IN =5V
V IN =7V
V O=3V
V IN =5.5V
V IN =4.5V
V IN =10V
1.23
1.235
1.24
1.245
1.25
1.255
1.26
-50 -25
0
25
50
75
100 125
V IN =4V
V C=2.7V
R1=1kΩ
R2=1.4kΩ
PQ070XZ01ZxH :I O=0.5A
PQ070XZ5MZxH :I O=0.3A
Fig.5 Overcurrent Protection Characteristics
(PQ070XZ5MZxH)
Output current IO (A)
Ambient temperature Ta (°C)
   
0
0.5
1
1.5
2
2.5
3
3.5
012345
RL=6Ω O =0.5A)
V C=2.7V
T a=Room temp.
R1=1kΩ
R2=1.4kΩ
(V O=3V)
C IN =0.33
μF
C O=47
μF
RL=10Ω(I O=0.3A)
0.5
1
1.5
2
2.5
3
3.5
012345
V C=2.7V
T a=Room temp.
R1=1kΩ
R2=1.4kΩ
(V O=3V)
C IN =0.33
μF
C O=47
μF
RL=3Ω(I O=1A)
RL=6Ω(I O=0.5A)
RL=∞Ω(I O=0.3A)
RL=∞Ω(IO=0A)
Fig.7 Output Voltage vs. Input Voltage
(PQ070XZ5MZxH)
Input voltage VIN (V)
I
Fig.8 Output Voltage vs. Input Voltage
(PQ070XZ01ZxH)
Input voltage VIN (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com