Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # 0XZ
Description  Low Voltage Operation Low Power-loss Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

0XZ Datasheet(HTML) 1 Page - Sharp Corporation

  0XZ Datasheet HTML 1Page - Sharp Corporation 0XZ Datasheet HTML 2Page - Sharp Corporation 0XZ Datasheet HTML 3Page - Sharp Corporation 0XZ Datasheet HTML 4Page - Sharp Corporation 0XZ Datasheet HTML 5Page - Sharp Corporation 0XZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
■
Features
Outline Dimensions
Lead finish:Lead-free solder plating
(Composition: Sn2Cu)
Applications
Product mass:(0.3g)
(Unit : mm)
Sheet No.: OP06019
Model Line-up
Absolute Maximum Ratings
Specific IC
Epoxy resin
(
) : Typical dimensions
Low Voltage Operation
Low Power-loss Voltage Regulator
1.Peripheral equipment of personal computers
2.Power supplies for various electronic equipment such as
DVD player or STB
Taping
Sleeve
Package
type
Output
current (IO)
0.5
+0.2
–0.1
(0.5)
(0.5)
(0 ~0.25)
6.6
MAX.
5.2±
0.5
2.3±
0.5
4–(1.27)
070XZ5M
3
1
2
3
4
5
1
2
3
4
5
1
2
3
4
5
DC input (VIN)
ON/OFF control (VC)
DC output (VO)
Output adjustment (VADJ)
GND
PQ070XZ5MZxH/PQ070XZ01ZxH
PQ070XZ5MZxH
PQ070XZ01ZxH
1.Low voltage operation (Minimum operating voltage: 2.35V)
2.5V input → available 1.5 to 1.8V
2.Low dissipation current
Dissipation current at no load: MAX.2mA
Output OFF-state dissipation current: MAX.5μA
3.Low power-loss (Dropout voltage: MAX.0.5V)
4.Built-in overcurrent and overheat protection functions
5.RoHS directive compliant
0.5A
PQ070XZ5MZPH
PQ070XZ5MZZH
PQ070XZ01ZPH
PQ070XZ01ZZH
1A
Variable
output
Taping
Sleeve
PQ070XZ5MZxH
PQ070XZ01ZxH
1
Parameter
Symbol
Rating
Unit
0.5
V
V
Input voltage
8W
°C
Power dissipation
*1
*3
*2
Junction temperature
150
Operating temperature
-40 to +85
Storage temperature
-40 to +150
Soldering temperature
260(10s)
10
(Ta=25°C)
Output
current
*1
°C
°C
°C
*1 All are open except GND and applicable terminals.
*2 PD:With infinite heat sink
*3 Overheat protection may operate at Tj:125°C to 150°C
VIN
10
A
ON/OFF control terminal voltage
VC
Tsol
Tstg
Topr
Tj
PD
IO
Output adjustment terminal voltage
*1
VADJ
5
V
H
Lead finish
identification mark


Similar Part No. - 0XZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
0XZ SHARP-0XZ Datasheet
1Mb / 22P
DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
0XZ SHARP-0XZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
More results

Similar Description - 0XZ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulator
PQ070XZ1HZXH SHARP-PQ070XZ1HZXH Datasheet
151Kb / 5P
Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ02ZPH SHARP-PQ070XZ02ZPH Datasheet
139Kb / 4P
Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com