Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet(PDF) 4 Page - Sharp Corporation

Part # 0XZ
Description  Low Voltage Operation Low Power-loss Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

0XZ Datasheet(HTML) 4 Page - Sharp Corporation

  0XZ Datasheet HTML 1Page - Sharp Corporation 0XZ Datasheet HTML 2Page - Sharp Corporation 0XZ Datasheet HTML 3Page - Sharp Corporation 0XZ Datasheet HTML 4Page - Sharp Corporation 0XZ Datasheet HTML 5Page - Sharp Corporation 0XZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Sheet No.: OP06019
PQ070XZ5MZxH/PQ070XZ01ZxH
Ambient temperature Ta (°C)
0
10
20
012345
RL=10Ω(I O=0.3A)
RL=6Ω(I O=0.5A)
V C=2.7V
T a=Room temp.
R1=1kΩ
R2=1.4kΩ
(V O=3V)
C IN =0.33
μF
C O=47
μF
0
10
20
30
012345
RL=3Ω(I O=1A)
RL=6Ω(I O=0.5A)
RL=
(I O=0A)
V C=2.7V
T a=Room temp.
R1=1kΩ
R2=1.4kΩ
(V O=3V)
C IN =0.33
μF
C O=47
μF
RL=∞Ω(IO=0A)
∞Ω
Input voltage VIN(V)
Fig.9 Circuit Operating Current vs. Input
Voltage
(PQ070XZ5MZxH)
Input voltage VIN(V)
Fig.10 Circuit Operating Current vs. Input
Voltage
(PQ070XZ01ZxH)
0
0.05
0.1
0.15
0.2
0.25
-50 -25
0
25
50
75
100 125
V IN =2.35V
V C=2.7V
R1=1kΩ
R2=1.4kΩ
(V O=3V)
PQ070XZ01ZxH:I O=0.5A
PQ070XZ5MZxH :I O=0.3A
-50 -25
0
25
50
75
100 125
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V IN =4V
I O=0A
V C=2.7V
R1=1kΩ
R2=1.4kΩ
(V O=3V)
PQ070XZ01ZxH
PQ070XZ5MZxH
Fig.11 Dropout Voltage vs. Junction
Temperature
Ambient temperature Ta (°C)
Fig.12 Quiescent Current vs. Junction
Temperature
   
0.1
1
10
100
40
45
50
55
60
65
70
75
ei(rms) =0.5V
V IN =5V
V C=2.7V
I O=0.3A
C O=47
μF
T a=Room temp.
R1=1kΩ
R2=1.4kΩ
(V O=3V)
35
PQ070XZ01ZxH
PQ070XZ5MZxH
40
45
50
55
60
65
70
75
0
0.25
0.5
0.75
1
ei(rms) =0.5V
f=120Hz
V IN =5V
V C=2.7V
C O=47
μF
T a=Room temp.
R1=1kΩ
R2=1.4kΩ
(V O=3V)
PQ070XZ5MZxH
PQ070XZ01ZxH
Fig.13 Ripple Rejection vs. Input Ripple
Frequency
Input ripple frequency f (kHz)
Fig.14 Ripple Rejection vs. Output Current
Output current IO(A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com